Electronic Components Datasheet Search |
|
SUINT1000XL Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved |
|
SUINT1000XL Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved |
3 / 5 page Battery Recharge Rate (Included Batteries) Less than 4 hours from 10% to 90% (typical, full load discharge) Battery Replacement Description Hot-swappable, user replaceable batteries VOLTAGE REGULATION Voltage Regulation Description Online, double-conversion power conditioning Overvoltage Correction 2% output voltage regulation during overvoltages to 280 Undervoltage Correction 2% output voltage regulation during undervoltages to 175 Severe Undervoltage Correction 2% output voltage regulation during undervoltages to 80 (under 50% load only) USER INTERFACE, ALERTS & CONTROLS Switches 2 Switches control off/on power status and alarm-cancel/self-test operation Alarm Cancel Operation Power-fail alarm can be silenced using alarm-cancel switch Audible Alarm Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions LED Indicators 14 LEDs indicate line power, online mode, economy/bypass mode, on-battery, overload, battery low, replace battery and fault status information - includes 4-LED meter display for load and battery charge level SURGE / NOISE SUPPRESSION UPS AC Suppression Joule Rating 570 UPS AC Suppression Response Time Instantaneous EMI / RFI AC Noise Suppression Yes PHYSICAL Primary Form Factor Tower UPS Power Module Dimensions (hwd, in.) 9.5 x 5.5 x 14.4 UPS Power Module Dimensions (hwd, cm) 24.1 x 14 x 36.6 UPS Power Module Weight (lbs.) 30.8 UPS Power Module Weight (kg) 14 UPS Shipping Dimensions (hwd / in.) 12.8 x 9.5 x 19.9 UPS Shipping Dimensions (hwd / cm) 32.5 x 24.1 x 50.5 Shipping Weight (lbs.) 37.4 Shipping Weight (kg) 17 Cooling Method Fan UPS Housing Material Steel 3 / 5 |
Similar Part No. - SUINT1000XL |
|
Similar Description - SUINT1000XL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |