Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU16000RT4UHW Datasheet(PDF) 6 Page - Tripp Lite. All Rights Reserved

Part # SU16000RT4UHW
Description  SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial, Hardwire
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU16000RT4UHW Datasheet(HTML) 6 Page - Tripp Lite. All Rights Reserved

  SU16000RT4UHW_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU16000RT4UHW_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU16000RT4UHW_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU16000RT4UHW_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU16000RT4UHW_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU16000RT4UHW_15 Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High Availability UPS Features
Automatic inverter bypass; Manual bypass switch; Detachable hot-swap PDU; Hot swappable UPS power module;
Hot swappable batteries
Green Energy-Saving Features
High efficiency economy mode operation; Schedulable daily hours of economy mode operation
CERTIFICATIONS
UPS Certifications
Meets FCC Part 15 Category A (EMI); ROHS (Restriction of Hazardous Substances); Tested to CSA (Canada);
Tested to NOM (Mexico); Tested to UL1778 (USA)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
6 / 6


Similar Part No. - SU16000RT4UHW_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU16000RT4UHW ETC2-SU16000RT4UHW Datasheet
551Kb / 7P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
More results

Similar Description - SU16000RT4UHW_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU16000RT4U TRIPPLITE-SU16000RT4U_15 Datasheet
552Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Cnversion UPS, Extended Run,SNMP, Webcard, 8U Rack/Tower, USB, DB9 Serial
SU12000RT4UHW TRIPPLITE-SU12000RT4UHW Datasheet
549Kb / 6P
   SmartOnline 240-120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 8U, USB, DB9 Serial, Hardwire
SU12000RT4U TRIPPLITE-SU12000RT4U Datasheet
550Kb / 6P
   SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
SU6000RT3U TRIPPLITE-SU6000RT3U_15 Datasheet
561Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U Rack/Tower, USB, DB9 Serial,Hardwire
logo
List of Unclassifed Man...
SU16000RT4U ETC2-SU16000RT4U Datasheet
559Kb / 8P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
logo
Tripp Lite. All Rights ...
SU10KRT3U TRIPPLITE-SU10KRT3U_15 Datasheet
555Kb / 6P
   SmartOnline 240-120V or 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U, USB, DB9 Serial, Hardwire
logo
List of Unclassifed Man...
SU16000RT4UHW ETC2-SU16000RT4UHW Datasheet
551Kb / 7P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
logo
Tripp Lite. All Rights ...
SU16KRT1TF TRIPPLITE-SU16KRT1TF Datasheet
562Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 14.4kW On-Line Double-Conversion UPS, N plus 1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU20KRTHWTFASSM TRIPPLITE-SU20KRTHWTFASSM Datasheet
550Kb / 6P
   SmartOnline 240-120V 20kVA 18kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, USB, DB9 Serial, Hardwire
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com