Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP84N055EHE-E2-AYNote1,2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP84N055EHE-E2-AYNote1,2
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP84N055EHE-E2-AYNote1,2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP84N055EHE-E2-AYNote1,2 Datasheet HTML 1Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 2Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 3Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 4Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 5Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 6Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 7Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 8Page - Renesas Technology Corp NP84N055EHE-E2-AYNote1,2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet D14099EJ6V0DS
3
NP84N055EHE, NP84N055KHE, NP84N055CHE, NP84N055DHE, NP84N055MHE, NP84N055NHE
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 55 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
μA
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
μA
2.0
3
4.0
V
Forward Transfer Admittance
| yfs |
VDS = 10 V, ID = 42 A
20
44
S
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 42 A
5.8
7.3
m
Ω
Input Capacitance
Ciss
VDS = 25 V,
4540
6810
pF
Output Capacitance
Coss
VGS = 0 V,
710
1070
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
340
620
pF
Turn-on Delay Time
td(on)
VDD = 28 V, ID = 42 A,
37
81
ns
Rise Time
tr
VGS = 10 V,
22
54
ns
Turn-off Delay Time
td(off)
RG = 1
Ω
76
150
ns
Fall Time
tf
22
56
ns
Total Gate Charge
QG
VDD = 44 V,
88
130
nC
Gate to Source Charge
QGS
VGS = 10 V,
22
nC
Gate to Drain Charge
QGD
ID = 84 A
31
nC
Body Diode Forward Voltage
VF(S-D)
IF = 84 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 84 A, VGS = 0 V,
49
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
μs
78
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 μs
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - NP84N055EHE-E2-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
NP84N055EHE-E2-AY NEC-NP84N055EHE-E2-AY Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP84N055EHE-E2-AY RENESAS-NP84N055EHE-E2-AY Datasheet
306Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP84N055EHE-E2-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com