Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8172TB Datasheet(PDF) 2 Page - NEC

Part No. UPC8172TB
Description  SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8172TB Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Data Sheet P14729EJ1V0DS00
2
µµµµPC8172TB
PIN CONNECTIONS
SERIES PRODUCTS (TA = +25°C, VCC = VPS = VRFout = 3.0 V, ZS = ZL = 50
Ω)
CG (dB)
Part Number
ICC
(mA)
fRFout
(GHz)
@RF 0.9 GHz
Note
@RF 1.9 GHz
@RF 2.4 GHz
µPC8172TB
9
0.8 to 2.5
9.5
8.5
8.0
µPC8106TB
9
0.4 to 2.0
9
7
µPC8109TB
5
0.4 to.2.0
6
4
µPC8163TB
16.5
0.8 to 2.0
9
5.5
PO(sat) (dBm)
OIP3 (dBm)
Part Number
@RF 0.9 GHz
Note
@RF 1.9 GHz
@RF 2.4 GHz
@RF 0.9 GHz
Note
@RF 1.9 GHz
@RF 2.4 GHz
µPC8172TB
+0.5
0
−0.5
+7.5
+6.0
+4.0
µPC8106TB
−2
−4
+5.5
+2.0
µPC8109TB
−5.5
−7.5
+1.5
−1.0
µPC8163TB
+0.5
−2
+9.5
+6.0
Note fRFout = 0.83 GHz @
µPC8163TB
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
To know the associated product, please refer to each latest data sheet.
BLOCK DIAGRAM (FOR THE
µµµµPC8172TB)
LOinput
GND
IFinput
PS
VCC
RFoutput
(Top View)
3
2
1
4
5
6
(Top View)
4
5
6
3
2
1
(Bottom View)
Pin No.
Pin Name
1
IFinput
2GND
3
LOinput
4PS
5VCC
6
RFoutput


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn