Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8172TB Datasheet(PDF) 6 Page - NEC

Part No. UPC8172TB
Description  SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8172TB Datasheet(HTML) 6 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary Data Sheet P14729EJ1V0DS00
6
µµµµPC8172TB
OTHER CHARACTERISTICS, FOR REFERENCE PURPOSES ONLY
(TA = +25°C, VCC = VRFout = 3.0 V, PLOin =
−−−−5 dBm, and VPS ≥≥≥≥ 2.7 V unless otherwise specified)
Parameter
Symbol
Test Conditions
Note
Data
Unit
OIP31fRFout = 0.9 GHz
+7.5
dBm
OIP32fRFout = 1.9 GHz
+6.0
dBm
Output Third-Order Distortion
Intercept Point
OIP33fRFout = 2.4 GHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
+4.0
dBm
IIP31fRFout = 0.9 GHz
−2.0
dBm
IIP32fRFout = 1.9 GHz
−2.5
dBm
Input Third-Order Distortion
Intercept Point
IIP33fRFout = 2.4 GHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
−4.0
dBm
SSB
•NF1
fRFout = 0.9 GHz, fIFin = 240 MHz
9.5
dB
SSB
•NF2
fRFout = 1.9 GHz, fIFin = 240 MHz
10.4
dB
SSB Noise Figure
SSB
•NF3
fRFout = 2.4 GHz, fIFin = 240 MHz
10.6
dB
Rise time
TPS(rise)
VPS: GND
→ VCC
1
µs
Power Save
Response Time
Fall time
TPS(fall)
VPS: VCC
→ GND
1.5
µs
Note fRFout < fLoin @ fRFout = 0.9 GHz
fLoin < fRFout @ fRFout = 1.9 GHz/2.4 GHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn