Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8129GR Datasheet(PDF) 3 Page - NEC

Part # UPC8129GR
Description  UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8129GR Datasheet(HTML) 3 Page - NEC

  UPC8129GR Datasheet HTML 1Page - NEC UPC8129GR Datasheet HTML 2Page - NEC UPC8129GR Datasheet HTML 3Page - NEC UPC8129GR Datasheet HTML 4Page - NEC UPC8129GR Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC8125GR
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
0.5
0.7 0.9
1.1
1.3 1.5
1.7
1.9
2.1
2.3 2.5
ERROR VECTOR MAGNITUDE,
AMPLITUDE ERROR, PHASE ERROR,
AND I/Q OFFSET vs. AGC VOLTAGE
ERROR VECTOR MAGNITUDE,
AMPLITUDE ERROR, PHASE ERROR,
AND I/Q OFFSET vs. LO1 INPUT POWER
RF OUTPUT vs. AGC VOLTAGE
TYPICAL OUTPUT SPECTRUM
AGC Voltage, VAGC (V)
LO1 Input Power, PLO1IN (dBm)
AGC Voltage, VAGC (V)
Frequency, f (MHz)
RF OUTPUT POWER vs.
LO2 INPUT POWER
LO2 Input Power, PLO2IN (dBm)
RF OUTPUT POWER vs.
LO1 INPUT POWER
LO1 Input Power, PLO1IN (dBm)
10
8
6
4
2
0
01
2
3
-60
-50
-40
-30
I/2 offset
∆A
∆φ
EVM
IM3I/Q
ImR
LoL
-48.5 dBc
-32.7 dBc
-48.3 dBc
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
0
-10
-20
-30
-40
-50
-60
-70
-30
-20
-10
0
VAGC = 3.0 V
VAGC = 1.2 V
0
-10
-20
-30
-40
-50
-60
-70
0
-10
-20
-30
-40
-50
-60
-70
-20
-10
0
PRFout
ImR
IMSI/Q
LoL
10
8
6
4
2
0
-20
-10
0
-60
-50
-40
-30
-20
EVM
∆A
I/Q offset
∆φ


Similar Part No. - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8129GR NEC-UPC8129GR Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
More results

Similar Description - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com