Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP45N06VUK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP45N06VUK
Description  60 V ??45 A ??N-channel Power MOS FET Application: Automotive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP45N06VUK Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP45N06VUK_15 Datasheet HTML 1Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 2Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 3Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 4Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 5Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 6Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 7Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 8Page - Renesas Technology Corp NP45N06VUK_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NP45N06VUK, NP45N06PUK
R07DS0953EJ0100 Rev.1.00
Page 4 of 8
Nov 20, 2012
100
μ
1 m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH (NP45N06PUK)
0.01
0.1
1
10
100
1000
Single pulse
Rth(ch-C) = 2.00°C/W
Rth(ch-A) = 83.3°C/W
100
μ
1 m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH (NP45N06VUK)
0.01
0.1
1
10
100
1000
Single pulse
Rth(ch-C) = 2.00°C/W
Rth(ch-A) = 125°C/W


Similar Part No. - NP45N06VUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP45N06VUK-E1-AY RENESAS-NP45N06VUK-E1-AY Datasheet
287Kb / 10P
   60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP45N06VUK-E2-AY RENESAS-NP45N06VUK-E2-AY Datasheet
287Kb / 10P
   60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP45N06VUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP45N06VUK RENESAS-NP45N06VUK Datasheet
287Kb / 10P
   60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VDK RENESAS-NP60N06VDK_V01 Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PDK RENESAS-NP60N06PDK_V01 Datasheet
528Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VLK RENESAS-NP60N06VLK_V01 Datasheet
446Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PLK RENESAS-NP60N06PLK_V01 Datasheet
529Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N04VDK RENESAS-NP60N04VDK Datasheet
271Kb / 8P
   40 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP16N06YLL RENESAS-NP16N06YLL Datasheet
341Kb / 9P
   60 V ??16 A ??N-channel Power MOS FET Application: Automotive
NP90N06VLK RENESAS-NP90N06VLK Datasheet
527Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET Application: Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com