Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP35N055YUK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP35N055YUK
Description  55 V ??35 A ??N-channel Power MOS FET Application: Automotive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP35N055YUK Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP35N055YUK_15 Datasheet HTML 1Page - Renesas Technology Corp NP35N055YUK_15 Datasheet HTML 2Page - Renesas Technology Corp NP35N055YUK_15 Datasheet HTML 3Page - Renesas Technology Corp NP35N055YUK_15 Datasheet HTML 4Page - Renesas Technology Corp NP35N055YUK_15 Datasheet HTML 5Page - Renesas Technology Corp NP35N055YUK_15 Datasheet HTML 6Page - Renesas Technology Corp NP35N055YUK_15 Datasheet HTML 7Page - Renesas Technology Corp NP35N055YUK_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NP35N055YUK
Preliminary
R07DS1002EJ0100 Rev.1.00
Page 4 of 6
Feb 08, 2013
FORWARD TRANSFER CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0123456
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
0
1
2
3
4
–100
–50
0
50
100
150
200
Tch - Channel Temperature - °C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1
10
100
0.1
1
10
100
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0
2
8
12
10
6
4
2
8
12
10
6
4
0
1
10
100
1000
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
5
10
15
20
VGS - Gate to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
40
80
160
140
120
20
60
100
0
0.4
0.8
1.2
1.0
0.2
0.6
VDS - Drain to Source Voltage - V
VDS = VGS
ID = 250 μA
VGS = 10 V
Pulsed
ID = 18 A
Pulsed
VGS = 10 V
Pulsed
VDS = 10 V
Pulsed
VDS = 5 V
Pulsed
TA = –55°C
25°C
75°C
125°C
175°C
TA = –55°C
25°C
75°C
125°C
175°C


Similar Part No. - NP35N055YUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP35N055YUK-E1-AY RENESAS-NP35N055YUK-E1-AY Datasheet
276Kb / 8P
   55 V – 35 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP35N055YUK-E2-AY RENESAS-NP35N055YUK-E2-AY Datasheet
276Kb / 8P
   55 V – 35 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP35N055YUK RENESAS-NP35N055YUK_V01 Datasheet
276Kb / 8P
   55 V – 35 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP35N055YUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP35N055YUK RENESAS-NP35N055YUK_V01 Datasheet
276Kb / 8P
   55 V – 35 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP75N055YUK RENESAS-NP75N055YUK_15 Datasheet
121Kb / 8P
   55 V ??75 A ??N-channel Power MOS FET Application: Automotive
NP75N055YUK RENESAS-NP75N055YUK_V01 Datasheet
274Kb / 8P
   55 V – 75 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP179N055TUK RENESAS-NP179N055TUK Datasheet
335Kb / 8P
   55 V ??180 A ??N-channel Power MOS FET
NP50N04YUK RENESAS-NP50N04YUK_15 Datasheet
122Kb / 8P
   40 V ??50 A ??N-channel Power MOS FET Application: Automotive
NP16N06YLL RENESAS-NP16N06YLL Datasheet
341Kb / 9P
   60 V ??16 A ??N-channel Power MOS FET Application: Automotive
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP90N06VLK RENESAS-NP90N06VLK Datasheet
527Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP50N04YUK RENESAS-NP50N04YUK_V01 Datasheet
275Kb / 8P
   40 V – 50 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP89N06PDK RENESAS-NP89N06PDK_V01 Datasheet
447Kb / 9P
   60 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com