Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD49343NPHNP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD49343NPHNP
Description  CDS/PGA & 12-bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49343NPHNP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD49343NPHNP_15 Datasheet HTML 5Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 6Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 7Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 8Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 9Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 10Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 11Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 12Page - Renesas Technology Corp HD49343NPHNP_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
HD49343NP/HNP
Preliminary
R19DS0068EJ0200 Rev.2.00
Page 9 of 22
Jul 06, 2012
Explanation of Serial Data
 PGA Gain (D4 to D13 of address 0)
Refer to the P.4 block diagram for details. A gain shifts 3 dB by voltage setup (D12 of address 4) of VRT.
PGA gain: –6dB + 0.04 dB
 N (Log linear)
(1) At VRT = 2.0 V settings (CDS input range is 1.4 Vp-p)
CDS
(CDS is –6 dB)
PGA
0.04 dB
× N
ADC
1 V
1.4 V
4095
(2) At VRT = 2.4 V settings (CDS input range is 2.0 Vp-p)
CDS
(CDS is –6 dB)
PGA
0.04 dB
× N
ADC
1.4 V
2.0 V
4095
Figure 3 Level Dia of PGA
0
128
256
384
512
640
768
896
1023
(PGA gain code)
40
Gain (dB)
30
34dB
20
10
0
–10
–6dB
31dB
–9dB
(At VRT = 2.4V)
(At VRT = 2.0V)
Figure 4 PGA Gain Characteristics
 LPF_sel (D4 to D6 of address 1)
Frequency band restrictions of a CDS input part are chosen.
LPF_sel
Sensor Frequency
0
6 MHz
1
12 MHz
2
18 MHz
3
25 MHz
4
30 MHz
5
35 MHz
6
40 MHz
7
50 MHz
Although S/N will rise if a frequency band is lowered, but opposite side amplifier
operation becomes slow and which problem with line crawl and insufficient gain
occurs. Please choose a high point from the actually used frequency.
About LFP_sel, followings are only testing guaranteed.
(1) At Low Power mode: Data = 3
(2) At Normal Power mode: Data = 6


Similar Part No. - HD49343NPHNP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49343NP RENESAS-HD49343NP Datasheet
222Kb / 23P
   CDS/PGA & 12-bit A/D Converter
Jul 06, 2012
More results

Similar Description - HD49343NPHNP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
   CDS/PGA & 12-bit A/D Converter
HD49338F RENESAS-HD49338F Datasheet
247Kb / 23P
   CDS/PGA & 12-bit A/D Converter
HD49338F RENESAS-HD49338F_15 Datasheet
295Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF Datasheet
218Kb / 20P
   CDS/PGA & 12-bit A/D Converter
HD49338NP RENESAS-HD49338NP Datasheet
258Kb / 23P
   CDS/PGA & 12-bit A/D Converter
HD49343NP RENESAS-HD49343NP Datasheet
222Kb / 23P
   CDS/PGA & 12-bit A/D Converter
Jul 06, 2012
HD49340NP RENESAS-HD49340NP Datasheet
232Kb / 22P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
   CDS/PGA & 10-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com