Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8163TB Datasheet(PDF) 6 Page - NEC

Part No. UPC8163TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8163TB Datasheet(HTML) 6 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet P13636EJ2V0DS00
6
µµµµPC8163TB
TEST CIRCUIT 1 (fRFout = 830 MHz)
100 pF
1 pF
1 000 pF
50
100 pF
50
Signal Generator
Signal Generator
PLoin = –5 dBm
50
Spectrum Analyzer
10 000
pF
RFoutput
VCC
GND
IFinput
GND
LOinput
6
5
4
1
2
3
10 nH
1 000 pF
VCC
RF = 830 MHz matched
ILLUSTRATION OF TEST CIRCUIT 1 ASSEMBLED ON EVALUATION BOARD
RFOUT
10 nH
1
IFIN
LOIN
PC8163TB
µ
10 000 pF
1 000 pF
100 pF
100 pF
1 pF
1 000 pF
10 nH
EVALUATION BOARD CHARACTERS
(1) 35
µm thick double-sided copper clad 35 × 42 × 0.4 mm polyimide board
(2) Back side: GND pattern
(3) Solder plated patterns
(4) {
{: Through holes
ATTENTION Test circuit or print pattern in this sheet is for testing IC characteristics.
In the case of actual system application, external circuits including print pattern and matching circuit
constant of output port should be designed in accordance with IC’s S parameters and environmental
components.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn