Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8163TB Datasheet(PDF) 5 Page - NEC

Part No. UPC8163TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8163TB Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet P13636EJ2V0DS00
5
µµµµPC8163TB
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Rating
Unit
Supply Voltage
VCC
TA = +25°C, Pin 5 and 6
3.6
V
Power Dissipation of Package
PD
Mounted on double-sided copperclad 50
× 50 × 1.6
mm epoxy glass PWB
TA = +85°C
200
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Maximum Input Power
Pin
+10
dBm
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
The same voltage should be applied
to pin 5 and 6
2.7
3.0
3.3
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
Local Input Level
PLOin
Zs = 50
Ω (without matching)
–10
–5
0
dBm
RF Output Frequency
fRFout
With external matching circuit
0.8
2.0
GHz
IF Input Frequency
fIFin
50
300
MHz
ELECTRICAL CHARACTERISTICS
(TA = +25
°°°°C, VCC = VRFout = 3.0 V, fIFin = 150 MHz, PLOin = –5 dBm)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No Signal
11.5
16.5
23
mA
Conversion Gain 1
CG1
fRFout = 830 MHz, PIFin = –20 dBm
6
9
12
dB
Conversion Gain 2
CG2
fRFout = 1.9 GHz, PIFin = –20 dBm
2.5
5.5
8.5
dB
Maximum RF Output Power 1
PO(sat) 1fRFout = 830 MHz, PIFin = 0 dBm
–1.5
0.5
dBm
Maximum RF Output Power 2
PO(sat) 2fRFout = 1.9 GHz, PIFin = 0 dBm
–4.5
–2
dBm
OTHER CHARACTERISTICS, FOR REFERENCE PURPOSES ONLY
(TA = +25
°°°°C, VCC = VRFout = 3.0 V, PLOin = –5 dBm)
Parameter
Symbol
Conditions
Data
Unit
IIP3 1fRFout = 830 MHz
0.5
Input Third Order Distortion Intercept
Point
IIP3 2
fIFin1 = 150.0 MHz
fIFin2 = 150.4 MHz
fRFout = 1.9 GHz
0.5
dBm
OIP3 1fRFout = 830 MHz
+9.5
Output Third-Order Distortion
Intercept Point
OIP3 2
fIFin1 = 150.0 MHz
fIFin2 = 150.4 MHz
fRFout = 1.9 GHz
+6.0
dBm
SSB Noise Figure
SSB NF
fRFout = 830 MHz, fIFin = 150 MHz
12.5
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn