Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3000RTXL3UN Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SU3000RTXL3UN
Description  SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 3U Rack/Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU3000RTXL3UN Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SU3000RTXL3UN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU3000RTXL3UN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU3000RTXL3UN Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU3000RTXL3UN Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU3000RTXL3UN Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartOnline 120V 3kVA 2.4kW On-Line
Double-Conversion UPS, Extended Run, SNMP,
Webcard pre-installed, 3U Rack/Tower, USB, DB9
Serial
MODEL NUMBER: SU3000RTXL3UN
Description
Tripp Lite Smart Online UPS systems offer high performance power protection ideal for critical server and
network equipment in datacenters, computer rooms and network closets. Online, double-conversion
Uninterruptible Power Supply (UPS) maintains perfectly regulated output power by continuously converting raw
AC input to DC, then re-converting output back to AC. Fully regulated sine wave AC output with +/-2% voltage
regulation powers network equipment continuously, even during severe brownouts and overvoltages, all without
depleting UPS battery reserves. Maintains battery-derived AC output during power failures with zero transfer
time. Extended runtime options available. High 98% efficient operation in optional economy mode saves BTU
heat output and energy costs. Network management interfaces support communications via USB, RS-232,
contact-closure and PRE-INSTALLED SNMPWEBCARD network interface. Built-in DB9 port offers both
enhanced RS-232 data and basic contact closure monitoring ability. HID-compliant USB interface enables
integration with built-in power management and auto shutdown features of Windows and Mac OS X. Includes
PowerAlert monitoring software and complete cabling. Emergency Power Off (EPO) interface. LED display
reports UPS operating mode, line power availability, battery mode operation, inverter operation and output
power availability. Audible alarm with push-button momentary alarm-cancel. Programmable self-test. Battery independent restart. Fault-tolerant auto-bypass
mode. Field-replaceable, hot-swappable internal batteries and external battery packs.
Features
Tripp Lite SU3000RTXL3UN 3000VA / 3kVA / 2400W on-line, double-conversion 3U rackmount UPS
Selectable 110/120V output (120V factory preset)
NEMA L5-30P input, 4 NEMA 5-15/20R, 4 5-15R & 1 L5-30R outlets
Two switched 4-outlet load banks support remote reboot or programmable load shedding options
Supports 2% output voltage regulation and zero transfer time in double conversion mode
Economy mode option offers enhanced 98% efficiency operation, reduced power consumption and lower BTU emissions
Highlights
3000VA / 3kVA / 2400 watt
on-line double-conversion 3U
rack/tower UPS
110/120V +/-2% output at
50/60Hz, high 98% efficiency
economy mode option
Expandable runtime, Hot-swap
batteries, 26 in. / 66cm installed
depth
USB, RS232, EPO ports and
PRE-INSTALLED
SNMPWEBCARD
Front panel status LEDs with
detailed load and battery metering
2 independently switchable
output load banks
NEMA L5-30P input; L5-30R,
5-15/20R & 5-15R outlets
Applications
Distributed Server Rooms
Network Closets
Small Business Networks
Voice over IP (VoIP) Phone
Systems
Package Includes
SU3000RTXL3UN UPS with
Pre-installed SNMPWEBCARD
PowerAlert Software and Cabling
Mounting hardware for 4 post
rack enclosures
Instruction manual
1 / 5


Similar Part No. - SU3000RTXL3UN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU3000RTXL3U ETC2-SU3000RTXL3U Datasheet
519Kb / 8P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets
SU3000RTXL3UHV ETC2-SU3000RTXL3UHV Datasheet
505Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
logo
Tripp Lite. All Rights ...
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
More results

Similar Description - SU3000RTXL3UN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SU3000RTXR3UHW TRIPPLITE-SU3000RTXR3UHW Datasheet
496Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial, Hardwire
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SUINT3000RTXL3U TRIPPLITE-SUINT3000RTXL3U Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
SU2200RTXL2UN TRIPPLITE-SU2200RTXL2UN Datasheet
497Kb / 5P
   SmartOnline 120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 2U Rack/Tower, USB, DB9 Serial
SU1500RTXL2UN TRIPPLITE-SU1500RTXL2UN Datasheet
497Kb / 5P
   SmartOnline 100-120V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 2U Rack-Tower, USB, DB9 Serial
SU3000RTXR3U TRIPPLITE-SU3000RTXR3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Runtime,Oversized Batteries, SNMP, Webcard, 3URack-Tower, USB, DB9 Serial
SU3000RTXL2U TRIPPLITE-SU3000RTXL2U Datasheet
496Kb / 6P
   SmartOnline 100-127V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT3000RTXL2U TRIPPLITE-SUINT3000RTXL2U Datasheet
495Kb / 6P
   SmartOnline 200-240V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com