Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT159 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # PZT159
Description  PNP Silicon Planar
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT159 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT159_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT159_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
PZT159
PNP Silicon Planar
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Features
* 5 Amps continuous current, up to 15 Amp peak current.
* Excellent gain characteristic specified up to 10Amps.
* Very low saturation voltage
Mechanical Data
Case: SOT-223 Plastic Package
Weight: approx. 0.021g
Marking Code: 159
01-Jun-2002 Rev. A
Page 1 of 2
s
Electrical Characteristic
Parameter
Symbol
Min
Typ.
Max
Uni Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-100
-
-
V
IC=-100µA, IE=0
Collector-Emitter Breakdown Voltage
(w/ Real Device Limit)
BVCER
-100
-
-
V
IC=-1µA, RB=1KΩ
Collector-Emitter Breakdown Voltage
*BVCEO
-60
-
-
V
IC=-100mA, IB=0
Emitter-Base Breakdown Voltage
BVEBO
-6
-
-
V
IE=-100µA, IC=0
Collector-Base Cutoff Current
ICBO
-
-
-50
nA
VCB=-80V, IE=0
Collector-Base Cutoff Current
(w/ Real Device Limit)
ICER
-
-
-50
nA
VCB=-80V, R=1KΩ
Emitter-Base Cutoff Current
IEBO
-
-
-10
nA
VEB=-6V, IC=0
Collector Saturation Voltage 1
*VCE(sat)1
-
-20
-50
mV IC=-100mA, IB=-10mA
Collector Saturation Voltage 2
*VCE(sat)2
-
-85
-140
mV IC=-1A, IB=-100mA
Collector Saturation Voltage 3
*VCE(sat)3
-
-155
-210
mV IC=-2A, IB=-200mA
Collector Saturation Voltage 4
*VCE(sat)4
-
-370
-460
mV IC=-5A, IB=-500mA
Base Saturation Voltage
*VBE(sat)
-
-1.08
-1.24
V
IC=-5A, IB=-500mA
Base-Emitter Voltage
*VBE(on)
-
-0.935 -1.07
V
VCE=-1V, IC=-5A
DC Current Gain 1
*hFE1
100
200
-
VCE=-1V, IC=-10mA
DC Current Gain 2
*hFE2
100
200
300
VCE=-1V, IC=-2A
DC Current Gain 3
*hFE3
75
90
-
VCE=-1V, IC=-5A
DC Current Gain 4
*hFE4
10
25
-
VCE=-1V, IC=-10A
Gain-Bandwidth Product
fT
-
120
-
MH VCE=-10V, IC=-100mA,
Output Capacitance
Cob
-
74
-
pF
VCB=-10V, IE=0, f=1MHz
(TJ = 25OC unless otherwise noted)
High Current Transistor
B
C
E
C
SOT-223
0.30±0.03
12°
0.25
12°
±1°
±3°
R0.15
R0.15
±1°
1
2
3
1.
BASE
1.6±0.2
Maxim
Junction Temperature
um Ratings and Thermal Characteristics
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
-
60
V
Collector-Base Voltage
VCBO
-
100
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current (DC)
IC
-
5
Total Power Dissipation
PD
W
3.0
Storage Temperature
Tstg
-55 to +150
Notes: Device on alumina substrate.
A
A
Collector Current (Pulse)
IC
-15
(TA = 25OC unless otherwise noted)
-
2.
COLLECTOR
3.
EMITTER
Tj
+150
O
O
C
C


Similar Part No. - PZT159_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
PZT159 WEITRON-PZT159 Datasheet
632Kb / 4P
   PNP Silicon Planar High Current Transistor
logo
SeCoS Halbleitertechnol...
PZT159 SECOS-PZT159 Datasheet
562Kb / 2P
   High Current Transistor
More results

Similar Description - PZT159_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT559 SECOS-PZT559 Datasheet
930Kb / 2P
   PNP Silicon Planar
logo
New Jersey Semi-Conduct...
BF506 NJSEMI-BF506 Datasheet
118Kb / 2P
   SILICON PLANAR PNP
logo
SeCoS Halbleitertechnol...
PZT559 SECOS-PZT559_15 Datasheet
930Kb / 2P
   PNP Silicon Planar
logo
New Jersey Semi-Conduct...
BFX90 NJSEMI-BFX90 Datasheet
84Kb / 2P
   SILICON PLANAR PNP
logo
Continental Device Indi...
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
2N4234 CDIL-2N4234 Datasheet
68Kb / 4P
   PNP SILICON PLANAR TRANSISTORS
logo
Sanken electric
2SA1489 SANKEN-2SA1489 Datasheet
200Kb / 2P
   SILICON PNP EPITAXIAL PLANAR
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com