Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

854659 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 854659
Description  70 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

854659 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  854659_15 Datasheet HTML 1Page - TriQuint Semiconductor 854659_15 Datasheet HTML 2Page - TriQuint Semiconductor 854659_15 Datasheet HTML 3Page - TriQuint Semiconductor 854659_15 Datasheet HTML 4Page - TriQuint Semiconductor 854659_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 854659
70 MHz SAW Filter
Features
• Usable bandwidth of 4.5 MHz
• Typical 3 dB bandwidth of 4.9 MHz
• Low loss
• High attenuation
• Single-ended operation, 50Ω
• Ceramic Surface Mount Package (SMP)
• Hermetic
Package
Pin Configuration
Surface Mount 13.30 x 6.50 x 1.75 mm
Bottom View
12
11
10
9
8
7
6
5
4
3
2
1
Pin No.
Description
5
Output
11
Input
6,12
Ground
1,2,3,4
Case Ground
7,8,9,10
Case Ground
1.75 NOM.
1.96 MAX.
0.76
0.79
1.17 x 3.76
1.50
2.54
6.50
2.18
2.54
13.3
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Subject to change or obsolescence without notice
Rev -
11-Feb-2005
Page 1 of 5


Similar Part No. - 854659_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854659 TRIQUINT-854659 Datasheet
44Kb / 1P
   70 MHz Low-Loss Filter
More results

Similar Description - 854659_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855737 TRIQUINT-855737 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855740 TRIQUINT-855740 Datasheet
622Kb / 5P
   70 MHz SAW Filter
854658 TRIQUINT-854658_15 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855744 TRIQUINT-855744_15 Datasheet
459Kb / 5P
   70 MHz SAW Filter
855745 TRIQUINT-855745_15 Datasheet
667Kb / 5P
   70 MHz SAW Filter
854668 TRIQUINT-854668_15 Datasheet
449Kb / 6P
   70 MHz SAW Filter
854674 TRIQUINT-854674_15 Datasheet
559Kb / 5P
   70 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2227A MURATA-SF2227A Datasheet
542Kb / 5P
   70 MHz SAW Filter
logo
TriQuint Semiconductor
854657 TRIQUINT-854657_15 Datasheet
581Kb / 5P
   70 MHz SAW Filter
854655 TRIQUINT-854655_15 Datasheet
610Kb / 5P
   70 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com