Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

854565-EVB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 854565-EVB
Description  350 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

854565-EVB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  854565-EVB Datasheet HTML 1Page - TriQuint Semiconductor 854565-EVB Datasheet HTML 2Page - TriQuint Semiconductor 854565-EVB Datasheet HTML 3Page - TriQuint Semiconductor 854565-EVB Datasheet HTML 4Page - TriQuint Semiconductor 854565-EVB Datasheet HTML 5Page - TriQuint Semiconductor 854565-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
854565
350 MHz SAW Filter
Preliminary Data Sheet: Rev - 6/14/11
- 5 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information, Dimensions and Marking
1.75 NOM.
1.96 MAX.
0.76
JJJYHH
Date Code
ID Dot
SAWTEK
854565
0.79
1.17 x 3.76
1.50
2.54
6.50
2.18
2.54
13.3
Package Style: SMP-53
Dimensions: 13.30 x 6.50 x 1.75mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of: day of the current year (Julian,
3 digits), last digit of the year (1 digit) and hour (2 digits)
Tape and Reel Information
Standard T/R size = 2000 units/reel. All dimensions are in millimeters
A
A
24
1.75
11.5
Ø1.5
2.3
13.9
4.0
Ø1.5
2.0
0.3
12.0
7.1
Section A-A
Direction of travel
Ø330
24.8
2.7
Ø102
Ø13.0
Ø20.2
2.0
ID dot


Similar Part No. - 854565-EVB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8545 FILTRAN-8545 Datasheet
100Kb / 1P
   INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
Integrated Device Techn...
8545 IDT-8545 Datasheet
228Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
PHOENIX CONTACT
8545 PHOENIX-8545 Datasheet
324Kb / 22P
   AXL E ETH DI8 DO8 M12 6M
logo
3M Electronics
8545 3M-8545 Datasheet
225Kb / 4P
   3M??Polyurethane Protective Tape 8545 Matte Black (no adhesive)
logo
Renesas Technology Corp
8545 RENESAS-8545 Datasheet
510Kb / 16P
   Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer
December 8, 2015
More results

Similar Description - 854565-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856271 TRIQUINT-856271 Datasheet
589Kb / 5P
   350 MHz SAW Filter
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
   350 MHz SAW Filter
855399 TRIQUINT-855399 Datasheet
597Kb / 5P
   350 MHz SAW Filter
855399 TRIQUINT-855399_15 Datasheet
626Kb / 5P
   350 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0164A TAI-SAW-TB0164A Datasheet
316Kb / 5P
   SAW Filter 350 MHz
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
   350 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1059A MURATA-SF1059A Datasheet
373Kb / 11P
   350 MHz SAW Filter
logo
TriQuint Semiconductor
856270 TRIQUINT-856270 Datasheet
584Kb / 5P
   350 MHz SAW Filter
855377 TRIQUINT-855377_15 Datasheet
527Kb / 5P
   350 MHz SAW Filter
logo
API Technologies Corp
SF0350BA03152S APITECH-SF0350BA03152S Datasheet
149Kb / 3P
   350 MHz SAW Filter 5 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com