Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8139GR-7JH Datasheet(PDF) 20 Page - NEC

Part # UPC8139GR-7JH
Description  Single Chip Transceiver Silicon MMIC for PHS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8139GR-7JH Datasheet(HTML) 20 Page - NEC

Back Button UPC8139GR-7JH Datasheet HTML 12Page - NEC UPC8139GR-7JH Datasheet HTML 13Page - NEC UPC8139GR-7JH Datasheet HTML 14Page - NEC UPC8139GR-7JH Datasheet HTML 15Page - NEC UPC8139GR-7JH Datasheet HTML 16Page - NEC UPC8139GR-7JH Datasheet HTML 17Page - NEC UPC8139GR-7JH Datasheet HTML 18Page - NEC UPC8139GR-7JH Datasheet HTML 19Page - NEC UPC8139GR-7JH Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
µµµµPC8139GR-7JH
No part of this document may be copied or reproduced in any form or by any means without the prior written
consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in
this document.
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property
rights of third parties by or arising from use of a device described herein or any other liability arising from use
of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other
intellectual property rights of NEC Corporation or others.
While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices,
the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or
property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety
measures in its design, such as redundancy, fire-containment, and anti-failure features.
NEC devices are classified into the following three quality grades:
"Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a
customer designated "quality assurance program" for a specific application. The recommended applications of
a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device
before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment and industrial robots
Special:
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed
for life support)
Specific:
Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life
support systems or medical equipment for life support, etc.
The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality grade,
they should contact an NEC sales representative in advance.
Anti-radioactive design is not implemented in this product.
M4 96. 5


Similar Part No. - UPC8139GR-7JH

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8139GR-7JH NEC-UPC8139GR-7JH Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8139GR-7JH NEC-UPC8139GR-7JH Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8139GR-7JH NEC-UPC8139GR-7JH Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8139GR-7JH NEC-UPC8139GR-7JH Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Renesas Technology Corp
UPC8139GR-7JH RENESAS-UPC8139GR-7JH Datasheet
374Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC8139GR-7JH

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
logo
Panasonic Semiconductor
AN6591FJM PANASONIC-AN6591FJM Datasheet
391Kb / 21P
   Transmission / reception, single chip PLL IC for PHS, cordless telephone
logo
Mitsubishi Electric Sem...
M64821FP MITSUBISHI-M64821FP Datasheet
27Kb / 1P
   1 CHIP SYNTHESIZER & MODULATOR FOR PHS
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
   DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
logo
List of Unclassifed Man...
RDA1846S ETC2-RDA1846S Datasheet
1Mb / 16P
   Single Chip Transceiver For Wlkie Talkie
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
logo
Infineon Technologies A...
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24ATR11 INFINEON-BGT24ATR11 Datasheet
1Mb / 28P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.0, 2013-09-10
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com