Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF530S Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRF530S
Description  Halogen-free According to IEC 61249-2-21
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF530S Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF530S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF530S, SiHF530S
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Ambient
(PCB Mount)a
RthJA
-40
Maximum Junction-to-Case (Drain)
RthJC
-1.7
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
100
-
-
V
VDS Temperature Coefficient
VDS/TJ
Reference to 25 °C, ID = 1 mA
-
0.12
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
-
-
25
μA
VDS = 80 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 8.4 Ab
-
-
0.16
Forward Transconductance
gfs
VDS = 50 V, ID = 8.4 Ab
5.1
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
670
-
pF
Output Capacitance
Coss
-
250
-
Reverse Transfer Capacitance
Crss
-60
-
Total Gate Charge
Qg
VGS = 10 V
ID = 14 A, VDS = 80 V,
see fig. 6 and 13b
--
26
nC
Gate-Source Charge
Qgs
--
5.5
Gate-Drain Charge
Qgd
--
11
Turn-On Delay Time
td(on)
VDD = 50 V, ID = 14 A,
Rg = 12 , RD = 3.6 , see fig. 10b
-10
-
ns
Rise Time
tr
-34
-
Turn-Off Delay Time
td(off)
-23
-
Fall Time
tf
-24
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
14
A
Pulsed Diode Forward Currenta
ISM
--
56
Body Diode Voltage
VSD
TJ = 25 °C, IS = 14 A, VGS = 0 Vb
--
2.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 14 A, dI/dt = 100 A/μsb
-
150
280
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.85
1.7
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
2014-8-28
2
www.kersemi.com


Similar Part No. - IRF530S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
171Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF530S VISHAY-IRF530S Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
VBsemi Electronics Co.,...
IRF530S VBSEMI-IRF530S Datasheet
1,008Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
IRF530S VISHAY-IRF530S Datasheet
218Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF530S

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com