Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2151 Datasheet(PDF) 4 Page - International Rectifier

Part No. IR2151
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IR2151 Datasheet(HTML) 4 Page - International Rectifier

  IR2151 Datasheet HTML 1Page - International Rectifier IR2151 Datasheet HTML 2Page - International Rectifier IR2151 Datasheet HTML 3Page - International Rectifier IR2151 Datasheet HTML 4Page - International Rectifier IR2151 Datasheet HTML 5Page - International Rectifier IR2151 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IR2151
B-190 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Lead Definitions
Lead
Symbol
Description
RT
Oscillator timing resistor input,in phase with LO for normal IC operation
CT
Oscillator timing capacitor input, the oscillator frequency according to the following equation:
f
=
×+
×
1
1.4 (R
75 ) C
TT
where 75
Ω is the effective impedance of the RT output stage
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
VCC
Low side and logic fixed supply
LO
Low side gate drive output
COM
Low side return
Functional Block Diagram
Lead Assignments
8 Lead DIP
SO-8
IR2151
IR2151S
V
B
PULSE
GEN
DELAY
HV
LEVEL
SHIFT
V
CC
PULSE
FILTER
DEAD
TIME
LO
HO
V
S
COM
R
S
Q
15.6V
C
T
R
T
UV
DETECT
+
-
+
-
RQ
SQ
R
R
R
DEAD
TIME
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IR21531SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2152SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2153SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2155SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2154SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC2151SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreMotorola, Inc
IR2153ZSELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2308HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
SI9976DYN-Channel Half-Bridge Driver 1 2 3 4 5 Vishay Siliconix
IRS2183HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn