Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 20 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 20 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
20
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1440 MHz
POWER GAIN vs. GAIN CONTROL VOLTAGE
+20
–10
–20
–30
–40
–50
–60
+10
0
+20
–10
–20
–30
–40
–50
–60
+10
0
S12 vs. FREQUENCY DEPENDENCE OF GAIN
CONTROL VOLTAGE
Vcc = 3.0 V, Pin = –30 dBm
S21 vs. FREQUENCY DEPENDENCE OF GAIN
CONTROL VOLTAGE
Vcc = 3.0 V, Pin = –30 dBm
S12 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1: –35.661 dB
S21 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1: 13.362 dB
0
10
–30
–20
–10
0
–30
–40
–50
–20
–10
1 440.000 000 MHz
1 440.000 000 MHz
S11 vs. FREQUENCY DEPENDENCE OF GAIN
CONTROL VOLTAGE
Vcc = 3.0 V, Pin = –30 dBm
1 440.000 000 MHz
S11 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1: –6.1536 dB
0
10
–30
–20
–10
0
10
–30
–20
–10
1
1
S22 vs. FREQUENCY DEPENDENCE OF GAIN
CONTROL VOLTAGE
Vcc = 3.0 V, Pin = –30 dBm
1 440.000 000 MHz
S22 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1: –17.471 dB
1
0
0.5
1
1.5
2
2.5
3
3.5
Gain Control Voltage VAGC (V)
POWER GAIN vs. GAIN CONTROL VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
Gain Control Voltage VAGC (V)
Vcc = 3.3 V
Vcc = 3.0 V
Vcc = 2.7 V
VAGC = 1.2 V
VAGC = 1.4 V
VAGC = 1.6 V
VAGC = 0 to 0.6 V
VAGC = 0.9 V
VAGC = 1.0 V
VAGC = 1.8 V
VAGC = 1.9 V
VAGC = 2.0 V
VAGC = 2.1 V
VAGC = 0 V
VAGC = 3.0 V
VAGC = 2.2 V
VAGC = 3.0 to 2.0 V
VAGC = 1.8 V
VAGC = 1.6 V
VAGC = 1.4 V
VAGC = 1.4 V
VAGC = 0 to 0.7 V
VAGC = 1.8 V
VAGC = 1.2 V
VAGC = 1.0 V
VAGC = 0 to 0.7 V
TA = +75
°C
TA = +5
°C
TA = +25
°C
TA = +25
°C
TA = –25
°C
TA = –25
°C
µµµµPC8119T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn