Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 17 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 17 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 950 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
OUTPUT POWER AND IM3 vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
0
+10
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
–10
–5
0
0
+10
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
–10
–5
0
ADJACENT CHANNEL INTERFERENCE
vs. INPUT POWER
ADJACENT CHANNEL INTERFERENCE
vs. GAIN CONTROL VOLTAGE
Input Power Pin (dBm)
–20
–30
–40
–50
–60
–80
–70
–30
–25
–20
–15
–10
–5
0
Gain Control Voltage VAGC (V)
–45
–50
–55
–60
–65
–75
–70
0
0.5
1
1.5
2
2.5
3
f = 950 MHz
VAGC = 0 V (GPMAX)
Vcc = 3.3 V
VAGC = 0 V (GPMAX)
f1 = 950 MHz
f2 = 951 MHz
Vcc = 2.7 V
VAGC = 0 V (GPMAX)
f1 = 950 MHz
f2 = 951 MHz
Pout
Pout
IM3
IM3
2f2 – f1 (952 MHz)
2f2 – f1 (952 MHz)
2f1 – f2 (949 MHz)
2f1 – f2 (949 MHz)
Vcc = 3.3 V
±100kHz
Vcc = 3.0 V
±100kHz
Vcc = 2.7 V
±100kHz
Vcc = 3.3 V
±50kHz
Vcc = 3.0 V
±50kHz
Vcc = 2.7 V
±50kHz
Pin = –17.4 dBm
±50 kHz
Pin = –17.4 dBm
±100 kHz
Pin = –19.4 dBm
±100 kHz
Pin = –19.4 dBm
±50 kHz
f = 950 MHz
Vcc = 3.0 V
µµµµPC8119T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn