Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 11 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 11 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
µµµµPC8119T, µµµµPC8120T
TYPICAL CHARACTERISTICS (TA = +25°C)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
CIRCUIT CURRENT vs.
OPERATING AMBIENT TEMPERATURE
CURRENT INTO OUTPUT PIN AND CURRENT INTO VCC PIN
vs. GAIN CONTROL VOLTAGE
GAIN CONTROL CURRENT vs. GAIN CONTROL VOLTAGE
Supply Voltage VCC (V)
14
12
10
8
6
4
2
0
14
12
10
8
6
4
2
0
18
16
14
12
10
8
6
4
2
0
150
125
100
75
50
25
0
01234
Operating Ambient Temperature TA (
°C)
–50
–25
0
+25
+50
+5
+100
Gain Control Voltage VAGC (V)
0
0.5
1
1.5
2
2.5
3
3.5
Gain Control Voltage VAGC (V)
0
0.5
1
1.5
2
2.5
3
3.5
no signals
Vcc = Vout
no signals
Vcc = Vout
no signals
Vcc = Vout
Vcc = 2.7 V
Vcc = 3.0 V
Vcc = 3.0 V
Vcc = 3.3 V
Vcc = 3.3 V
Vcc = 2.7 V
Vcc = 3.3 V
Vcc = 3.3 V
Vcc = 3.0 V
Vcc = 2.7 V
Vcc = 3.0 V
Vcc = 2.7 V
2
3
1
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
2
3
1
S11 vs. FREQUENCY
Vcc = Vout = 3.0 V, VAGC = 0 V (GPMAX), Pin = –30 dBm
S22 vs. FREQUENCY
Vcc = Vout = 3.0 V, VAGC = 0 V (GPMAX)
1
2
3
: 900 MHz
52.545
Ω – 39.801 Ω
: 1500 MHz
33.402
Ω – 32.457 Ω
: 1900 MHz
27.989
Ω – 24.408 Ω
1
2
3
: 900 MHz
36.039
Ω – 190.09 Ω
: 1500 MHz
39.668
Ω – 125.84 Ω
: 1900 MHz
34.668
Ω – 106.88 Ω
no signals
Vcc = Vout
IVCC
Iout
µµµµPC8119T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn