Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 46 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 46 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
46
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1900 MHz
–20
–30
–40
–50
–60
–70
–80
ADJACENT CHANNEL INTERFERENCE
vs. INPUT POWER
ADJACENT CHANNEL INTERFERENCE
vs. GAIN CONTROL VOLTAGE
Input Power Pin (dBm)
–30
–25
–20
–15
–10
–5
0
–45
–50
–55
–60
–65
–70
–75
Gain Control Voltage VAGC (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCC = 2.7 V
±600 kHz
Pin = –10 dBm
±600 kHz
Pin = –12 dBm
±600 kHz
Pin = –15 dBm
±600 kHz
VCC = 3.0 V
±600 kHz
VCC = 3.3 V
±600 kHz
f = 1900 MHz
VAGC = VCC (GPMAX)
f = 1900 MHz
VCC = 3.0 V
µµµµPC8120T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn