Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 45 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 45 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1900 MHz
+10
0
–10
–20
–30
–40
–50
–60
–70
+10
0
–10
–20
–30
–40
–50
–60
–70
OUTPUT POWER AND IM3 vs. INPUT POWER
OUTPUT POWER AND IM3 vs. INPUT POWER
OUTPUT POWER AND IM3 vs. INPUT POWER
OUTPUT POWER AND IM3 vs. INPUT POWER
Input Power Pin (dBm)
–30
–25
–20
–15
–10
–5
0
+10
0
–10
–20
–30
–40
–50
–60
–70
Input Power Pin (dBm)
–30
–25
–20
–15
–10
–5
0
–30
–25
–20
–15
–10
–5
0
+10
0
–10
–20
–30
–40
–50
–60
–70
Input Power Pin (dBm)
–30
–25
–20
–15
–10
–5
0
–30
–25
–20
–15
–10
–5
0
Input Power Pin (dBm)
–30
–25
–20
–15
–10
–5
0
Pout
IM3
2f2 – f1
(1900.6 MHz)
Pout
IM3
IM3
IM3
2f2 – 2f1 (1900.6 MHz)
VCC = 3.0 V
VAGC = 3.0 V
(GPMAX)
f1 = 1900 MHz
f2 = 1900.3 MHz
Pout
Pout
2f2 – f1
(1900.6 MHz)
VCC = 3.0 V
VAGC = 1.3 V
(GP
–10 dB)
f1 = 1900 MHz
f2 = 1900.3 MHz
VCC = 3.0 V
VAGC = 0 V
(GPMIN)
f1 = 1900 MHz
f2 = 1900.3 MHz
VCC = 3.0 V
VAGC = 1.4 V
(GP
–5 dB)
f1 = 1900 MHz
f2 = 1900.3 MHz
2f1 – 2f2
(1899.7 MHz)
2f1 – f2
(1899.7 MHz)
2f2 – f1
(1900.6 MHz)
2f1 – f2
(1899.7 MHz)
2f1 – f2
(1899.7 MHz)
~
~
~
~
+10
0
–10
–20
–30
–40
–50
–60
–70
OUTPUT POWER AND IM3 vs. INPUT POWER
Input Power Pin (dBm)
Pout
IM3
VCC = 3.3 V
VAGC = 3.3 V
(GPMAX)
f1 = 1900 MHz
f2 = 1900.3 MHz
2f2 – f1
(1900.6 MHz)
2f1 – f2 (1899.7 MHz)
+10
0
–10
–20
–30
–40
–50
–60
–70
OUTPUT POWER AND IM3 vs. INPUT POWER
Input Power Pin (dBm)
Pout
IM3
VCC = 2.7 V
VAGC = 2.7 V
(GPMAX)
f1 = 1900 MHz
f2 = 1900.3 MHz
2f2 – f1 (1900.6 MHz)
2f1 – f2 (1899.7 MHz)
µµµµPC8120T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn