Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 42 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 42 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1900 MHz
log MAG
log MAG
log MAG
log MAG
1
1
MARKER 1
1.9 GHz
1; 24.991
Ω –27.029 Ω 3.0991 pF
1 900.000 000 MHz
S11 vs. FREQUENCY
START
100.000 000 MHz
STOP 100.000 000 MHz
MARKER 1
1.9 GHz
1; 52.643
Ω 16.369 Ω 1.3712 nH
1 900.000 000 MHz
S22 vs. FREQUENCY
START
100.000 000 MHz
STOP
100.000 000 MHz
17
15
13
11
9
7
MARKER 1
1.9 GHz
MARKER 1
1.9 GHz
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
VCC = 2.7 V
10
0
–10
–20
–30
10
0
–10
–20
–30
0
–10
–20
–30
–40
–50
MARKER 1
1.9 GHz
1
1
1 900.000 000 MHz
1 900.000 000 MHz
S11
S22
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1; –5.5512 dB
REF 7 dB
1; 12.505 dB
S11 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
S21 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
S22 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
S12 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
1 900.000 000 MHz
S21
1 dB/
5 dB/
REF 0 dB
1; –24.124 dB
1 900.000 000 MHz
S12
5 dB/
REF 0 dB
1; –37.895 dB
VCC = 3.0 V
VCC = 3.3 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
MARKER 1
1.9 GHz
1
VCC = 3.0 V
VCC = 2.7 V
Vcc = 3.0 V, VAGC = 3.0 V (GPMAX), Pin = –30 dBm
µµµµPC8120T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn