Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 37 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 37 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1440 MHz
0
–10
–20
–30
–40
–50
0
–10
–20
–30
–40
–50
1
1
1
1 440.000 000 MHz
S12
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
REF 7 dB
1;13.025 dB
S12
1 440.000 000 MHz
log MAG
log MAG
log MAG
1 dB/
5 dB/
REF 0 dB
1; –35.378 dB
1 440.000 000 MHz
5 dB/
REF 0 dB
1; –35.238 dB
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
TA = +85
°C
TA = +25
°C
TA = –40
°C
TA = +25
°C
TA = +85
°C
TA = –40
°C
log MAG
17
15
13
11
9
7
17
15
13
11
9
7
MARKER 1
1.44 GHz
MARKER 1
1.44 GHz
1
START 100.000 000 MHz
STOP 3 100.000 000 MHz
REF 7 dB
1; 12.974 dB
1 440.000 000 MHz
S21
S21
1 dB/
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
MARKER 1
1.44 GHz
S12 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
S12 vs. FREQUENCY
VAGC = 3.0 V, (GPMAX), Pin = –30 dBm
S21 vs. FREQUENCY
VAGC = 3.0 V, (GPMAX), Pin = –30 dBm
S21 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
µµµµPC8120T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn