Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8130TA Datasheet(PDF) 36 Page - NEC

Part # UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8130TA Datasheet(HTML) 36 Page - NEC

Back Button UPC8130TA Datasheet HTML 32Page - NEC UPC8130TA Datasheet HTML 33Page - NEC UPC8130TA Datasheet HTML 34Page - NEC UPC8130TA Datasheet HTML 35Page - NEC UPC8130TA Datasheet HTML 36Page - NEC UPC8130TA Datasheet HTML 37Page - NEC UPC8130TA Datasheet HTML 38Page - NEC UPC8130TA Datasheet HTML 39Page - NEC UPC8130TA Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1440 MHz
1
1
MARKER 1
1.44 GHz
1; 36.68
Ω –50.342 Ω 2.2582 pF
1 400.000 000 MHz
S11 vs. FREQUENCY
START
100.000 000 MHz
STOP
3 100.000 000 MHz
MARKER 1
1.44 GHz
1; 48.615
Ω –5.4863 Ω –20.145 pF
1 440.000 000 MHz
S22 vs. FREQUENCY
START
100.000 000 MHz
STOP
3 100.000 000 MHz
10
0
–10
–20
–30
10
0
–10
–20
–30
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
10
0
–10
–20
–30
10
0
–10
–20
–30
1
1
1
1 440.000 000 MHz
1 440.000 000 MHz
S11
S22
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1; –6.064 dB
REF 0 dB
1; –6.0673 dB
S11 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
S11 vs. FREQUENCY
VCC = 3.0 V, VAGC = 3.0 V (GpMAX), Pin = –30 dBm
S22 vs. FREQUENCY
VAGC = 3.0 V (GPMAX), Pin = –30 dBm
S22 vs. FREQUENCY
VCC = 3.0 V, VAGC = 3.0 V (GpMAX), Pin = –30 dBm
1 440.000 000 MHz
S11
log MAG
log MAG
log MAG
log MAG
5 dB/
5 dB/
REF 0 dB
1; –24.057 dB
1 440.000 000 MHz
S22
5 dB/
REF 0 dB
1; –22.951 dB
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
TA = +85
°C
TA = +25
°C
TA = –40
°C
TA = +85
°C
TA = +25
°C
TA = –40
°C
VCC = 3.0 V , VAGC = 3.0 V (GPMAX), Pin = –30 dBm
1.44 GHz
MARKER 1
1.44 GHz
µµµµPC8120T


Similar Part No. - UPC8130TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8130TA NEC-UPC8130TA Datasheet
371Kb / 40P
   -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPC8130TA RENESAS-UPC8130TA Datasheet
453Kb / 42P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1997
logo
NEC
UPC8130TA-E3 NEC-UPC8130TA-E3 Datasheet
371Kb / 40P
   -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPC8130TA-E3 RENESAS-UPC8130TA-E3 Datasheet
453Kb / 42P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1997
More results

Similar Description - UPC8130TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8130TA NEC-UPC8130TA Datasheet
371Kb / 40P
   -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
   BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com