Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 34 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 34 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 950 MHz
+10
0
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
Input Power Pin (dBm)
–10
–5
0
Pout
IM3
2f2 – f1
(952 MHz)
2f1 – f2
(949 MHz)
VCC = 3.0 V
VAGC = 3.0 V
(GPMAX)
f1 = 950 MHz
f2 = 951 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
+10
0
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
Input Power Pin (dBm)
–10
–5
0
Pout
IM3
2f1 – f2
(949 MHz)
2f2 – f1
(952 MHz)
VCC = 3.0 V
VAGC = 1.5 V
(GP
0 dB)
f1 = 950 MHz
f2 = 951 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
+10
0
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
Input Power Pin (dBm)
–10
–5
0
Pout
IM3
2f1 – f2
(949 MHz)
2f2 – f1
(952 MHz)
VCC = 3.0 V
VAGC = 1.3 V
(GP –10 dB)
f1 = 950 MHz
f2 = 951 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
+10
0
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
Input Power Pin (dBm)
–10
–5
0
Pout
IM3
2f1 – f2
(949 MHz)
2f2 – f1
(952 MHz)
VCC = 3.0 V
VAGC = 1.15 V
(GP –20 dB)
f1 = 950 MHz
f2 = 951 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
+10
0
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
Input Power Pin (dBm)
–10
–5
0
Pout
IM3
2f1 – f2
(949 MHz)
2f2 – f1
(952 MHz)
VCC = 3.0 V
VAGC = 1.0 V
(GP –30 dB)
f1 = 950 MHz
f2 = 951 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
+10
0
–10
–20
–30
–40
–50
–60
–70
–30
–25
–20
–15
Input Power Pin (dBm)
–10
–5
0
Pout
IM3
2f1 – f2
(949 MHz)
2f2 – f1
(952 MHz)
VCC = 3.0 V
VAGC = 1.15 V
(GP –38 dB)
f1 = 950 MHz
f2 = 951 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
~
~
~
~
~
~
~
~
~
~
µµµµPC8120T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn