Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8130TA Datasheet(PDF) 29 Page - NEC

Part No. UPC8130TA
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8130TA Datasheet(HTML) 29 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29
µµµµPC8119T, µµµµPC8120T
S11 vs. FREQUENCY
VCC = 3.0 V, VAGC = 3.0 V (GPMAX), Pin = –30 dBm
START
100.000 000 MHz
STOP
3 100.000 000 MHz
START
100.000 000 MHz
STOP
3 100.000 000 MHz
2
1
3
3
S22 vs. FREQUENCY
VCC = 3.0 V, VAGC = 3.0 V (GPMAX), Pin = –30 dBm
2
1
14
12
10
8
6
4
2
0
01234
0
0.5
1
1.5
2
2.5
3
3.5
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
GAIN CONTROL CURRENT vs. GAIN CONTROL VOLTAGE
CIRCUIT CURRENT vs.
OPERATING AMBIENT TEMPERATURE
CURRENT INTO OUTPUT PIN AND CURRENT INTO VCC PIN
vs. GAIN CONTROL VOLTAGE
Supply Voltage VCC (V)
20
18
16
14
12
10
8
6
4
2
0
–40 –20
0
+20 +40 +60 +80 +100
Operating Ambient temperature TA (
°C)
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0.5
1
1.5
2
2.5
3
3.5
Gain Control Voltage VAGC (V)
Gain Control Voltage VAGC (V)
no signals
no signals
no signals
200
175
150
125
100
75
50
25
0
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
VCC = 3.3 V
no signals
Iout
IVCC
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
1
2
3
: 950 MHz
49.6
Ω – 43.49 Ω
: 1440 MHz
32.908
Ω – 34.803 Ω
: 1900 MHz
26.389
Ω – 24.797 Ω
1
2
3
: 950 MHz
33.758
Ω – 173.11 Ω
: 1440 MHz
35.742
Ω – 123.63 Ω
: 1900 MHz
34.758
Ω – 105.66 Ω
VCC = 3.0 V
VCC = 2.7 V
µµµµPC8120T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn