Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8104GR Datasheet(PDF) 5 Page - NEC

Part # UPC8104GR
Description  900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8104GR Datasheet(HTML) 5 Page - NEC

  UPC8104GR Datasheet HTML 1Page - NEC UPC8104GR Datasheet HTML 2Page - NEC UPC8104GR Datasheet HTML 3Page - NEC UPC8104GR Datasheet HTML 4Page - NEC UPC8104GR Datasheet HTML 5Page - NEC UPC8104GR Datasheet HTML 6Page - NEC UPC8104GR Datasheet HTML 7Page - NEC UPC8104GR Datasheet HTML 8Page - NEC UPC8104GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary Data Sheet P13488EJ1V0DS00
5
µµµµPC8126K
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Rating
Unit
Supply Voltage
VCC
TA = +25 °C
4.0
V
Power Save Control Voltage
VPS
TA = +25 °C
4.0
V
Power Dissipation
PD
TA = +85 °C
Note
430
mW
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
Note Mounted on a 50
× 50 × 1.6 mm double sided copper clad epoxy glass PWB.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
2.7
3.0
3.6
V
Operating Ambient Temperature
TA
–25
+25
+75
°C
Pre-Mix. RF Input Frequency
fRFin
689
1 200
MHz
Pre-Mix. RF Input Power
PRFin
–13
–11
–9
dBm
Pre-Mix. IF Input Frequency
fIFin
P (fIF
× 7) ≤ –65 dBc
120
135
270
MHz
Pre-Mix. IF Input Power
PIFin
–14
–12
–10
dBm
fIFin = 200 MHz
889
898
MHz
Pre-Mix. Output Frequency
(Modulator Output Frequency,
Modulator LO Input Frequency)
fMIXout
(fMODout, fLOin)
fIFin = 135 MHz
915
960
MHz
Modulator LO Input Power
PLOin
–21.5
–18.5
–15.5
dBm
I/Q Input Frequency
fI/Qin
DC
10
MHz
Single ended Input
500
I/Q Input Amplitude
VI/Qin
Differential Input
250
mVP-P


Similar Part No. - UPC8104GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8104GR NEC-UPC8104GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8104GR NEC-UPC8104GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8104GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com