Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2130 Datasheet(PDF) 16 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130 Datasheet(HTML) 16 Page - International Rectifier

Back Button IR2130 Datasheet HTML 12Page - International Rectifier IR2130 Datasheet HTML 13Page - International Rectifier IR2130 Datasheet HTML 14Page - International Rectifier IR2130 Datasheet HTML 15Page - International Rectifier IR2130 Datasheet HTML 16Page - International Rectifier IR2130 Datasheet HTML 17Page - International Rectifier IR2130 Datasheet HTML 18Page - International Rectifier IR2130 Datasheet HTML 19Page - International Rectifier IR2130 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
IR2130/IR2132(J)(S) & (PbF)
16
www.irf.com
Figure 30A. Logic “0” Input Current vs. Temperature
Figure 30B. Logic “0” Input Current vs. Voltage
Figure 32A. “Low” ITRIP Current vs. Temperature
Figure 32B. “Low” ITRIP Current vs. Voltage
0.00
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.00
0.25
0.50
0.75
1.00
1.25
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0
100
200
300
400
500
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Figure 31A. “High” ITRIP Current vs. Temperature
Figure 31B. “High” ITRIP Current vs. Voltage
0
100
200
300
400
500
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn