Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2130 Datasheet(PDF) 15 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130 Datasheet(HTML) 15 Page - International Rectifier

Back Button IR2130 Datasheet HTML 11Page - International Rectifier IR2130 Datasheet HTML 12Page - International Rectifier IR2130 Datasheet HTML 13Page - International Rectifier IR2130 Datasheet HTML 14Page - International Rectifier IR2130 Datasheet HTML 15Page - International Rectifier IR2130 Datasheet HTML 16Page - International Rectifier IR2130 Datasheet HTML 17Page - International Rectifier IR2130 Datasheet HTML 18Page - International Rectifier IR2130 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
15
Figure 29A. Logic “1” Input Current vs. Temperature
Figure 29A. Logic “1” Input Current vs. Voltage
0.00
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.00
0.25
0.50
0.75
1.00
1.25
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
Figure 28A. VCC Supply Current vs. Temperature
Figure 28B. VCC Supply Current vs. Voltage
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.0
2.0
4.0
6.0
8.0
10.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
Figure 27A. VBS Supply Current vs. Temperature
Figure 27B. VBS Supply Current vs. Voltage
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0
20
40
60
80
100
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
Typ.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn