Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2130 Datasheet(PDF) 11 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2130 Datasheet HTML 7Page - International Rectifier IR2130 Datasheet HTML 8Page - International Rectifier IR2130 Datasheet HTML 9Page - International Rectifier IR2130 Datasheet HTML 10Page - International Rectifier IR2130 Datasheet HTML 11Page - International Rectifier IR2130 Datasheet HTML 12Page - International Rectifier IR2130 Datasheet HTML 13Page - International Rectifier IR2130 Datasheet HTML 14Page - International Rectifier IR2130 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
11
Figure 16A. ITRIP to
FAULT Indication Time vs.
Temperature
Figure 16B. ITRIP to
FAULT Indication Time vs. Voltage
0.00
0.30
0.60
0.90
1.20
1.50
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
Min.
0.00
0.30
0.60
0.90
1.20
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
Figure 17A.
LIN1,2,3 to FAULT Clear Time vs.
Temperature
Figure 17B.
LIN1,2,3 to FAULT Clear Time vs. Voltage
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0.0
5.0
10.0
15.0
20.0
25.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
Min.
Figure 18A. Deadtime vs. Temperature (IR2130)
Figure 18B. Deadtime vs. Voltage (IR2130)
0.00
1.50
3.00
4.50
6.00
7.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0.00
1.50
3.00
4.50
6.00
7.50
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
Min.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn