Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2130 Datasheet(PDF) 10 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2130 Datasheet HTML 6Page - International Rectifier IR2130 Datasheet HTML 7Page - International Rectifier IR2130 Datasheet HTML 8Page - International Rectifier IR2130 Datasheet HTML 9Page - International Rectifier IR2130 Datasheet HTML 10Page - International Rectifier IR2130 Datasheet HTML 11Page - International Rectifier IR2130 Datasheet HTML 12Page - International Rectifier IR2130 Datasheet HTML 13Page - International Rectifier IR2130 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IR2130/IR2132(J)(S) & (PbF)
10
www.irf.com
Figure 14A. Turn-Off Fall Time vs. Temperature
Figure 14B. Turn-Off Fall Time vs. Voltage
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0
25
50
75
100
125
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
Figure 15B. ITRIP to Output Shutdown Time vs. Voltage
Figure 15A. ITRIP to Output Shutdown Time vs.
Temperature
0.00
0.30
0.60
0.90
1.20
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0.00
0.30
0.60
0.90
1.20
1.50
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
Min.
Figure 13A. Turn-On Rise Time vs. Temperature
Figure 13B. Turn-On Rise Time vs. Voltage
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0
50
100
150
200
250
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn