Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2130 Datasheet(PDF) 1 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130 Datasheet(HTML) 1 Page - International Rectifier

  IR2130 Datasheet HTML 1Page - International Rectifier IR2130 Datasheet HTML 2Page - International Rectifier IR2130 Datasheet HTML 3Page - International Rectifier IR2130 Datasheet HTML 4Page - International Rectifier IR2130 Datasheet HTML 5Page - International Rectifier IR2130 Datasheet HTML 6Page - International Rectifier IR2130 Datasheet HTML 7Page - International Rectifier IR2130 Datasheet HTML 8Page - International Rectifier IR2130 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout for all channels
Over-current shutdown turns off all six drivers
Independent half-bridge drivers
Matched propagation delay for all channels
2.5V logic compatible
Outputs out of phase with inputs
Cross-conduction prevention logic
Also available LEAD-FREE
3-PHASE BRIDGE DRIVER
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V
ton/off (typ.)
675 & 425 ns
Deadtime (typ.)
2.5 µs (IR2130)
0.8 µs (IR2132)
Data Sheet No. PD60019 Rev.P
IR2130/IR2132(J)(S) & (PbF)
Description
The IR2130/IR2132(J)(S) is a high voltage, high speed
power MOSFET and IGBT driver with three indepen-
dent high and low side referenced output channels. Pro-
prietary HVIC technology enables ruggedized
monolithic construction. Logic inputs are compatible with
CMOS or LSTTL outputs, down to 2.5V logic. A
ground-referenced operational amplifier provides
analog feedback of bridge current via an external cur-
rent sense resistor. A current trip function which termi-
nates all six outputs is also derived from this resistor.
An open drain FAULT signal indicates if an over-cur-
rent or undervoltage shutdown has occurred. The output drivers feature a high pulse current buffer stage designed
for minimum driver cross-conduction. Propagation delays are matched to simplify use at high frequencies. The
floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration
which operate up to 600 volts.
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only. Please refer
to our Application Notes and DesignTips for proper circuit board layout.
Typical Connection
Product Summary
Packages
28-Lead PDIP
28-Lead SOIC
44-Lead PLCC w/o 12 Leads


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn