Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2130 Datasheet(PDF) 8 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2130 Datasheet HTML 4Page - International Rectifier IR2130 Datasheet HTML 5Page - International Rectifier IR2130 Datasheet HTML 6Page - International Rectifier IR2130 Datasheet HTML 7Page - International Rectifier IR2130 Datasheet HTML 8Page - International Rectifier IR2130 Datasheet HTML 9Page - International Rectifier IR2130 Datasheet HTML 10Page - International Rectifier IR2130 Datasheet HTML 11Page - International Rectifier IR2130 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IR2130/IR2132(J)(S) & (PbF)
8
www.irf.com
Figure 7. Operational Amplifier Slew Rate
Measurement
Figure 8. Operational Amplifier Input Offset Voltage
Measurement
VCAO
21
- 0.2V
VOS =
90%
10%
0V
3V
∆T1
∆T2
∆V
∆V
∆T1
SR+ =
∆V
∆T2
SR- =
CAO
V
S0
CA-
V
SS
V
CC
15V
50 pF
+
-
0V
3V
CAO
+
V
S0
V
CC
V
SS
0.2V
1k
20k
CA-
15V
+
-
Measure VCAO1 at VS0 = 0.1V
VCAO2 at VS0 = 5V
CMRR = -20*LOG
Figure 9. Operational Amplifier Common Mode
Rejection Ratio Measurements
(VCAO1-0.1V) - (VCAO2-5V)
4.9V
(dB)
CAO
V
S0
CA-
V
SS
V
CC
15V
-
+
Measure VCAO1 at VCC = 10V
VCAO2 at VCC = 20V
PSRR = -20*LOG
VCAO1 - VCAO2
Figure 10. Operational Amplifier Power Supply
Rejection Ratio Measurements
(10V) (21)
CAO
+
V
S0
V
CC
V
SS
1k
20k
CA-
+
-
0.2V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn