Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2130 Datasheet(PDF) 3 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130 Datasheet(HTML) 3 Page - International Rectifier

  IR2130 Datasheet HTML 1Page - International Rectifier IR2130 Datasheet HTML 2Page - International Rectifier IR2130 Datasheet HTML 3Page - International Rectifier IR2130 Datasheet HTML 4Page - International Rectifier IR2130 Datasheet HTML 5Page - International Rectifier IR2130 Datasheet HTML 6Page - International Rectifier IR2130 Datasheet HTML 7Page - International Rectifier IR2130 Datasheet HTML 8Page - International Rectifier IR2130 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
3
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” Input Voltage (OUT = LO)
21
2.2
VIL
Logic “1” Input Voltage (OUT = HI)
22
0.8
VIT,TH+
ITRIP Input Positive Going Threshold
23
400
490
580
VOH
High Level Output Voltage, VBIAS - VO
24
100
VIN = 0V, IO = 0A
VOL
Low Level Output Voltage, VO
25
100
VIN = 5V, IO = 0A
ILK
Offset Supply Leakage Current
26
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
27
15
30
VIN = 0V or 5V
IQCC
Quiescent VCC Supply Current
28
3.0
4.0
mA
VIN = 0V or 5V
IIN+
Logic “1” Input Bias Current (OUT = HI)
29
450
650
VIN = 0V
IIN-
Logic “0” Input Bias Current (OUT = LO)
30
225
400
VIN = 5V
IITRIP+
“High” ITRIP Bias Current
31
75
150
ITRIP = 5V
IITRIP-
“Low” ITRIP Bias Current
32
100
nA
ITRIP = 0V
VBSUV+
VBS Supply Undervoltage Positive Going
33
7.5
8.35
9.2
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
34
7.1
7.95
8.8
Threshold
VCCUV+
VCC Supply Undervoltage Positive Going
35
8.3
9.0
9.7
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
36
8.0
8.7
9.4
Threshold
Ron,FLT
FAULT Low On-Resistance
37
55
75
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
11
500
675
850
toff
Turn-Off Propagation Delay
12
300
425
550
VIN = 0 & 5V
tr
Turn-On Rise Time
13
80
125
VS1,2,3 = 0 to 600V
tf
Turn-Off Fall Time
14
35
55
titrip
ITRIP to Output Shutdown Prop. Delay
15
400
660
920
VIN, VITRIP = 0 & 5V
tbl
ITRIP Blanking Time
400
VITRIP = 1V
tflt
ITRIP to FAULT Indication Delay
16
335
590
845
VIN, VITRIP = 0 & 5V
tflt,in
Input Filter Time (All Six Inputs)
310
VIN = 0 & 5V
tfltclr
LIN1,2,3
to FAULT Clear Time
17
6.0
9.0
12.0
VIN, VITRIP = 0 & 5V
DT
Deadtime
(IR2130)
18
1.3
2.5
3.7
(IR2132)
18
0.4
0.8
1.2
SR+
Operational Amplifier Slew Rate (+)
19
4.4
6.2
SR-
Operational Amplifier Slew Rate (-)
20
2.4
3.2
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic
electrical characteristics are defined in Figures 3 through 5.
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO parameters
are referenced to VS0,1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
V
V/µs
µs
ns
V
mV
µA
µA
VIN = 0 & 5V
NOTE: For high side PWM, HIN pulse width must be
≥ 1.5µsec


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPIC2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More Motorola, Inc
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn