Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N172 Datasheet(PDF) 2 Page - Calogic, LLC

Part # 3N172
Description  Diode Protected P-Channel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N172 Datasheet(HTML) 2 Page - Calogic, LLC

  3N172_15 Datasheet HTML 1Page - Calogic, LLC 3N172_15 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3N172 / 3N173
LLC
SMALL-SIGNAL ELECTRICAL CHARACTERISTICS TA = 25
oC and Bulk (substrate) Lead Connected to Source
SYMBOL
PARAMETER
3N172
3N173
UNITS
TEST CONDITIONS
MIN MAX MIN MAX
| yfs |
Magnitude of Small-Signal, Common-Source,
Short-Circuit, Forward Transadmittance*
1500 4000 1000 4000
µSVDS = -15V, ID = -10mA, f = 1kHz
| yos |
Magnitude of Small-Signal, Common-Source,
Short-Circuit, Output Admittance*
250
250
µS
VDS = -15V, ID = -10mA, f = 1kHz
Ciss
Small-Signal, Common-Source, Short-Circuit,
Input Capacitance*
3.5
3.5
pF
VDS = -15V, ID = -10mA, f = 1MHz
Crss
Small-Signal, Common-Source, Short-Circuit,
Reverse Transfer Capacitance*
1.0
1.0
pF
VDS = -15V, ID = -10mA, f = 1MHz
Coss
Small-Signal, Common-Source, Short-Circuit,
Output Capacitance*
3.0
3.0
pF
VDS = -15V, ID = -10mA, f = 1MHz
NOISE CHARACTERISTICS
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
NF
Common-Source Spot Noise Figure
1.0
dB
VDS = -15V, ID = -1mA, f = 1kHz, RG = 1M
SWITCHING CHARACTERISTICS TA = 25
oC Bulk (substrate) Lead Connected to Source
SYMBOL
PARAMETER
3N172
3N173
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
td (on)
Turn-On Delay Time*
12
12
ns
VDD = -15V, ID (on) = -10mA
tr
Rise Time*
24
24
RG = RL = 1.4k
toff
Turn-Off Delay Time*
50
50
See Test Circuit Below
*Registered JEDEC Data
SWITCHING TIME DETAIL
-0V
-1V
-15V
10%
50%
50%
90%
90%
10%
PULSE
WIDTH
90%
0210
MEASUREMENTS ON SAMPLING OSCILLOSCOPE WITH
INPUT PULSE
rise
t
< 2ns
PULSE WIDTH
rise
t
< 0.2ns
in
C
in
R
V
IN
V
OUT
4(on)
t
r
t
off
t
IN
-V
> 200ns
< 2.0pF
> 10M
0220
D.U.T.
V
DD
R
L
V
OUT
R
G
50
V
IN
-0.1
-0.5
-1.0
-5.0
-10
SWITCHING TIMES vs. ON-STATE
DRAIN CURRENT
ON-STATE DRAIN CURRENT - (I
D(on) ) - mA
td(on)
rise
toff
G = RL = 1.4K
R
V
DD = 15V
0230
1000
500
1.0
t
5.0
100
50
10
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS020 REV A


Similar Part No. - 3N172_15

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
3N172-73 CALOGIC-3N172-73 Datasheet
33Kb / 2P
   Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
More results

Similar Description - 3N172_15

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
3N161 CALOGIC-3N161_15 Datasheet
29Kb / 1P
   Diode Protected P-Channel Enhancement Mode MOSFET
logo
Intersil Corporation
3N161 INTERSIL-3N161 Datasheet
43Kb / 1P
   DIODE PROTECTED P-CHANNEL ENGANCEMENT MODE MOSFET GENERAL PUROPSE AMPLIFIER/SWITCH
logo
Calogic, LLC
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
   Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
logo
Pan Jit International I...
PJA3433 PANJIT-PJA3433 Datasheet
293Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6833 PANJIT-PJS6833 Datasheet
299Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419 PANJIT-PJA3419 Datasheet
335Kb / 6P
   20V P-Channel Enhancement Mode MOSFET??ESD Protected
PJS6835 PANJIT-PJS6835 Datasheet
316Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3415AE PANJIT-PJA3415AE Datasheet
327Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com