Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANTDP081-S2C Datasheet(PDF) 4 Page - World Produts Inc.

Part # WPANTDP081-S2C
Description  870 / 915 MHz, 2.4 GHz & 5.6 GHz Combo True-Omni
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP081-S2C Datasheet(HTML) 4 Page - World Produts Inc.

  WPANTDP081-S2C Datasheet HTML 1Page - World Produts Inc. WPANTDP081-S2C Datasheet HTML 2Page - World Produts Inc. WPANTDP081-S2C Datasheet HTML 3Page - World Produts Inc. WPANTDP081-S2C Datasheet HTML 4Page - World Produts Inc. WPANTDP081-S2C Datasheet HTML 5Page - World Produts Inc. WPANTDP081-S2C Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev: 1.0
Created on: March 27, 2014
Created by: MKS
Approved by: BP
Page | 4
915 MHz


Similar Part No. - WPANTDP081-S2C

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP082-S1A WPI-WPANTDP082-S1A Datasheet
112Kb / 2P
   This is a Wideband, Outdoor rated antenna that operates in the 870 / 915 MHz ISM band
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
WPANTDP087-R1A WPI-WPANTDP087-R1A Datasheet
71Kb / 2P
   This is a high gain Directional Panel antenna that operates in the 5.8 GHz Wi-Fi / WLAN band
More results

Similar Description - WPANTDP081-S2C

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30009-CC WPI-WPANT30009-CC_15 Datasheet
269Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A_15 Datasheet
253Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A Datasheet
267Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30009-CC WPI-WPANT30009-CC Datasheet
271Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30026-SE WPI-WPANT30026-SE_15 Datasheet
293Kb / 6P
   915 MHz & 2.4 GHz Omni Directional Body Mount Disc Antenna
WPANT30028-SA WPI-WPANT30028-SA_15 Datasheet
224Kb / 4P
   2.4 GHz High Gain TRUE-OMNI Antenna
WPANT30028-SA WPI-WPANT30028-SA Datasheet
231Kb / 4P
   2.4 GHz High Gain TRUE-OMNI Antenna
WPANT30015-SA WPI-WPANT30015-SA_15 Datasheet
250Kb / 4P
   915 MHz & 2.4 GHz Dual-band Body-mount Antenna
logo
Maxtena Inc.
MEA-900-W2-SM MAXTENA-MEA-900-W2-SM Datasheet
2Mb / 4P
   2.4/5.0 GHz & 868/915 MHz ISM ??Screw Mount
REV A
logo
World Produts Inc.
WPANT30015-SA WPI-WPANT30015-SA Datasheet
257Kb / 4P
   915 MHz & 2.4 GHz Dual-band Body-mount Antenna
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com