Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60V2BDPP-M0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJH60V2BDPP-M0
Description  600V - 12A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60V2BDPP-M0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RJH60V2BDPP-M0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 9Page - Renesas Technology Corp RJH60V2BDPP-M0_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RJH60V2BDPP-M0
Preliminary
R07DS0760EJ0100 Rev.1.00
Page 6 of 9
May 25, 2012
50
40
30
20
10
0
1
10
100
10000
1000
0100
50150
200
250
300
Cies
Coes
Cres
Gate Charge Qg (nc)
Dynamic Input Characteristics (Typical)
Typical Capacitance vs.
Collector to Emitter Voltage
800
600
400
200
0
0
16
12
8
4
0
10
20
30
40
50
VGE
VCE
VGE = 0 V
f = 1 MHz
Ta = 25°C
Collector to Emitter Voltage VCE (V)
VCC = 300 V
IC = 12 A
Tc = 25°C
Diode Current Slope diF/dt (A/
μs)
Reverse Recovery Time vs.
Diode Current Slope (Typical)
Diode Current Slope diF/dt (A/
μs)
Reverse Recovery Current vs.
Diode Current Slope (Typical)
Diode Current Slope diF /dt (A/
μs)
Reverse Recovery Charge vs.
Diode Current Slope (Typical)
8
4
16
12
0
0
40
80200
120
160
VCC = 300 V
IF = 17 A
Tc = 150°C
25°C
C-E Diode Forward Voltage VCEF (V)
Forward Current vs. Forward Voltage (Typical)
012
4
3
Tc = 150°C
25°C
VGE = 0 V
Pulse Test
100
50
300
250
200
150
0
0
40
80200
120
160
Tc = 150°C
25°C
VCC = 300 V
IF = 17 A
0.20
0.16
0.12
0.08
0.04
0
40
80200
120
160
0
Tc = 150°C
25°C
VCC = 300 V
IF = 17 A


Similar Part No. - RJH60V2BDPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60V2BDPP-M0 RENESAS-RJH60V2BDPP-M0 Datasheet
102Kb / 10P
   600V - 12A - IGBT Application: Inverter
May 25, 2012
More results

Similar Description - RJH60V2BDPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D2DPP-E0 RENESAS-RJH60D2DPP-E0 Datasheet
120Kb / 10P
   600V - 12A - IGBT Application: Inverter
Nov 01, 2012
RJH60V2BDPP-M0 RENESAS-RJH60V2BDPP-M0 Datasheet
102Kb / 10P
   600V - 12A - IGBT Application: Inverter
May 25, 2012
RJH60M2DPP-M0 RENESAS-RJH60M2DPP-M0_15 Datasheet
104Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60V2BDPE RENESAS-RJH60V2BDPE Datasheet
98Kb / 10P
   600V - 12A - IGBT Application: Inverter
Apr 25, 2012
RJH60D2DPE RENESAS-RJH60D2DPE_15 Datasheet
107Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D2DPP-E0 RENESAS-RJH60D2DPP-E0_15 Datasheet
120Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60M2DPE RENESAS-RJH60M2DPE_15 Datasheet
99Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60V2BDPE RENESAS-RJH60V2BDPE_15 Datasheet
98Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com