Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV364MK Datasheet(PDF) 5 Page - International Rectifier

Part # CPV364MK
Description  IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV364MK Datasheet(HTML) 5 Page - International Rectifier

  CPV364MK Datasheet HTML 1Page - International Rectifier CPV364MK Datasheet HTML 2Page - International Rectifier CPV364MK Datasheet HTML 3Page - International Rectifier CPV364MK Datasheet HTML 4Page - International Rectifier CPV364MK Datasheet HTML 5Page - International Rectifier CPV364MK Datasheet HTML 6Page - International Rectifier CPV364MK Datasheet HTML 7Page - International Rectifier CPV364MK Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C-983
CPV364MK
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
0.96
1.00
1.04
1.08
1.12
1.16
1.20
0
10
20
30
40
50
60
G
R , Gate Resistance (
Ω)
A
V
= 480V
V
= 15V
T
= 25°C
I
= 13A
CC
GE
C
C
0.1
1
10
-60
-40
-20
0
20
40
60
80
100
120 140 160
C
T , Case Temperature (°C)
R
= 10
V
= 15V
V
= 480V
A
I
= 26A
I
= 13A
I
= 6.5A
C
C
C
G
GE
CC
0
4
8
12
16
20
0
20
40
60
80
g
Q , Total Gate Charge (nC)
A
V
= 400V
I
= 25A
CE
C
0
500
1000
1500
2000
2500
1
10
100
CE
V
, Collector-to-Emitter Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - CPV364MK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
CPV364M4K IRF-CPV364M4K Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV364M4KPBF VISHAY-CPV364M4KPBF Datasheet
269Kb / 11P
   CPV364M4KPBF (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
More results

Similar Description - CPV364MK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
   IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV362MK IRF-CPV362MK Datasheet
460Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV363MK IRF-CPV363MK Datasheet
450Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV362MM IRF-CPV362MM Datasheet
447Kb / 8P
   IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPU165MM IRF-CPU165MM Datasheet
94Kb / 2P
   IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV363MM IRF-CPV363MM Datasheet
450Kb / 8P
   IGBT SIP MODULE Short Circuit Rated Fast IGBT
IRG4BC20K-SPBF IRF-IRG4BC20K-SPBF Datasheet
298Kb / 9P
   Short Circuit Rated UltraFast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com