Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV364MF Datasheet(PDF) 6 Page - International Rectifier

Part # CPV364MF
Description  IGBT SIP MODULE Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV364MF Datasheet(HTML) 6 Page - International Rectifier

  CPV364MF Datasheet HTML 1Page - International Rectifier CPV364MF Datasheet HTML 2Page - International Rectifier CPV364MF Datasheet HTML 3Page - International Rectifier CPV364MF Datasheet HTML 4Page - International Rectifier CPV364MF Datasheet HTML 5Page - International Rectifier CPV364MF Datasheet HTML 6Page - International Rectifier CPV364MF Datasheet HTML 7Page - International Rectifier CPV364MF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C-162
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
CPV364MF
0
4
8
1 2
1 6
2 0
0
2 0
4 0
6 0
C
I
, C o lle cto r-to -E m itte r C u rre n t (A )
R
= 10
T
= 150 °C
V
= 4 80 V
V
= 15 V
G
C
C C
G E
1
1 0
1 0 0
1 0 0 0
1
1 0
1 0 0
1 0 0 0
C E
G E
V
, C o lle cto r-to -E m itte r V o lta g e (V )
S A F E O P E R A TIN G A R E A
V
= 20 V
T
= 12 5°C
G E
J
1
10
100
0.8
1.2
1.6
2.0
2.4
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - CPV364MF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
CPV364M4K IRF-CPV364M4K Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV364M4KPBF VISHAY-CPV364M4KPBF Datasheet
269Kb / 11P
   CPV364M4KPBF (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
More results

Similar Description - CPV364MF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
logo
International Rectifier
CPV363MF IRF-CPV363MF Datasheet
453Kb / 8P
   IGBT SIP MODULE Fast IGBT
logo
Vishay Siliconix
VS-CPV362M4UPBF VISHAY-VS-CPV362M4UPBF Datasheet
263Kb / 10P
   IGBT SIP Module(Fast IGBT)
Revision: 25-Oct-17
logo
International Rectifier
CPV362MF IRF-CPV362MF Datasheet
458Kb / 8P
   IGBT SIP MODULE Fast IGBT
logo
Vishay Siliconix
CPV362M4UPBF VISHAY-CPV362M4UPBF Datasheet
298Kb / 11P
   IGBT SIP Module (Fast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPU165MF IRF-CPU165MF Datasheet
498Kb / 8P
   IGBT SIP MODULE Fast IGBT
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPU165MU IRF-CPU165MU Datasheet
441Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV363MU IRF-CPV363MU Datasheet
453Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com