Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2402 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2402
Description  Dual Audio Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2402 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2402_15 Datasheet HTML 4Page - Analog Devices SSM2402_15 Datasheet HTML 5Page - Analog Devices SSM2402_15 Datasheet HTML 6Page - Analog Devices SSM2402_15 Datasheet HTML 7Page - Analog Devices SSM2402_15 Datasheet HTML 8Page - Analog Devices SSM2402_15 Datasheet HTML 9Page - Analog Devices SSM2402_15 Datasheet HTML 10Page - Analog Devices SSM2402_15 Datasheet HTML 11Page - Analog Devices SSM2402_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SSM2402/SSM2412
REV. A
–8–
When the Ramp Output reaches +3 V, and the drive for the
Main Switch Control output is gated OFF by differential ampli-
fier DA1, current sources Q3 and Q4 go to the OFF state and the
VGS of each main switch goes to zero. The high speed op amp
followers provide essentially zero gate-to-source voltage over the
full audio signal range; this in turn assures a constant low im-
pedance in the ON state over the full audio signal range. Total
time to turn on the SSM2402 switch is approximately 10.0 ms
and 3.5 ms for the SSM2412.
In systems using a large number of separate switches, there are
advantages to having faster switching into OFF state than into
the ON state. Break-before-make can be maintained at the sys-
tem level. To see how the SSM2402/SSM2412 guarantee
break-before-make, consider the ON-to-OFF transition.
A Control Input LOW initiates the ON-to-OFF transition. The
Ramp Generator integrates down from approximately +7 V to-
wards –7 V. As the ramp goes through +3 V, the comparator
controlling the Main Switches (S1 and S2) goes HIGH and turns
on current sources Q3 and Q4 which thereby puts S1 and S2 into
the OFF state. At this time, all switches in the “T” are OFF.
When the ramp integrates down to –3 V, the Shunt Switch Con-
trol changes state and pulls shunt switch S3 into the ON state.
This completes the ON-to-OFF transition; S1 and S2 are OFF,
and S3 is ON to shunt away any undesired feedthrough. Note
though that the ON-to-OFF time for main switches S1 and S2 is
only the time interval required for the ramp to go from +7 V to
+3 V, about 4 ms for the SSM2402, and 1.5 ms for the
SSM2412. The time to turn on is about 2.5 times as long as the
time to turn off.
Typical Configuration
The SSM2402/SSM2412 are much more than simple single
solid state switches. The “T” configuration provides superb
OFF-isolation through shunting of feedthrough via shunt switch
S3. Break-before-make is inherent in the design. The ramp pro-
vides a controlled gating action that softens the ON/OFF transi-
tions. Distortion is minimized by holding zero gate-to-source
voltage for the two main FET switches, S1 and S2, using the two
op amp followers. Figure 3 shows a distortion comparison be-
tween the SSM2402 and a typical CMOS switch. In summary,
the SSM2402/SSM2412 are designed specifically for high per-
formance audio system usage.
OVERVOLTAGE PROTECTION
The SSM2402/SSM2412 are designed to guarantee correct op-
eration with inputs of up to
±14.2 V with ±18 V supplies. The
switch input should never be forced to go beyond the supply
rails. In the OFF condition, if the inputs exceeds +14.2 V,
there is a risk of turning the respective input pass FET “ON.”
When the input voltage rises to within 3.8 V of the positive
supply, the op amp follower saturates and will not be able to
maintain the full 2.5 V of back bias on the gate-to-source
junction. Under this condition, current will flow from the input
through the shunt FET to the negative supply. This current is
substantial, but is limited by the FET IDSS. Although this cur-
rent will not damage the device, there is a danger of also turn-
ing on the output pass FET, especially if the output is close to
the negative rail.
This risk of signal “breakthrough” for inputs above +14.2 V can
be eliminated by using a source resistor of 100
Ω–500 Ω in series
with the analog input to provide additional current limiting.
Near the negative supply, transistors Q3 and Q4 saturate and
can no longer keep the switch OFF. Signal breakthrough can-
not happen, but the danger here is latch-up via a path to V–
through the shunt FET. Additional circuitry (not shown) has
been incorporated to turn OFF the shunt FET under these
conditions, and the potential for latch-up is thereby eliminated.
Figure 3. Comparison of the SSM2402 and
Typical CMOS Switch for Distortion


Similar Part No. - SSM2402_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2402P AD-SSM2402P Datasheet
322Kb / 12P
   Dual Audio Analog Switches
REV. A
SSM2402S AD-SSM2402S Datasheet
322Kb / 12P
   Dual Audio Analog Switches
REV. A
More results

Similar Description - SSM2402_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2412 AD-SSM2412_15 Datasheet
776Kb / 12P
   Dual Audio Analog Switches
SSM2402 AD-SSM2402 Datasheet
322Kb / 12P
   Dual Audio Analog Switches
REV. A
logo
Maxim Integrated Produc...
MAX4621 MAXIM-MAX4621 Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
   Dual, Wide Bandwidth Analog Switches
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
   Dual, Wide Bandwidth Analog Switches
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com