Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2211 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2211
Description  Low Distortion, 1.5 W Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2211_15 Datasheet HTML 2Page - Analog Devices SSM2211_15 Datasheet HTML 3Page - Analog Devices SSM2211_15 Datasheet HTML 4Page - Analog Devices SSM2211_15 Datasheet HTML 5Page - Analog Devices SSM2211_15 Datasheet HTML 6Page - Analog Devices SSM2211_15 Datasheet HTML 7Page - Analog Devices SSM2211_15 Datasheet HTML 8Page - Analog Devices SSM2211_15 Datasheet HTML 9Page - Analog Devices SSM2211_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SSM2211
Data Sheet
Rev. F | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
SHUTDOWN
1
BYPASS
2
IN+
3
IN–
4
VOUTB
8
V–
7
V+
6
VOUTA
5
SSM2211
TOP VIEW
(Not to Scale)
1
SHUTDOWN
2
BYPASS
3
IN+
4
IN–
7 V–
8 VOUTB
6 V+
5 VOUTA
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
SSM2211
NOTES
1. EXPOSED PAD. CONNECT
THE EXPOSED PAD TO V−.
Figure 2. 8-Lead SOIC_N Pin Configuration (R-8)
Figure 3. 8-Lead LFCSP_VD Pin Configuration (CP-8-2)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SHUTDOWN
Shutdown Enable.
2
BYPASS
Bypass Capacitor.
3
IN+
Noninverting Input.
4
IN−
Inverting Input.
5
VOUTA
Output A.
6
V+
Positive Supply.
7
V−
Negative Supply.
8
VOUTB
Output B.
EPAD
Exposed Pad. Connect the exposed pad to V−.


Similar Part No. - SSM2211_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
More results

Similar Description - SSM2211_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211 Datasheet
212Kb / 16P
   Low Distortion 1.5 Watt Audio Power Amplifier
REV. 0
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
   Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
   Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com