Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV362MU Datasheet(PDF) 4 Page - International Rectifier

Part # CPV362MU
Description  IGBT SIP MODULE Ultra-Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV362MU Datasheet(HTML) 4 Page - International Rectifier

  CPV362MU Datasheet HTML 1Page - International Rectifier CPV362MU Datasheet HTML 2Page - International Rectifier CPV362MU Datasheet HTML 3Page - International Rectifier CPV362MU Datasheet HTML 4Page - International Rectifier CPV362MU Datasheet HTML 5Page - International Rectifier CPV362MU Datasheet HTML 6Page - International Rectifier CPV362MU Datasheet HTML 7Page - International Rectifier CPV362MU Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
C-744
Fig. 5 - Collector-to-Emitter Voltage vs.
Case Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
CPV362MU
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
0 .0 1
0 .1
1
1 0
0 .0 0 0 0 1
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
1 0
t
, R e c ta n g u lar P u ls e D u ra tio n (s e c )
1
D = 0 .5 0
0 .0 1
0 .0 2
0 .0 5
0 .1 0
0 .2 0
S IN G L E P U L S E
(T H E R M A L R E S P O N S E )
P
t
2
1
t
D M
N o te s :
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
0
2
4
6
8
1 0
1 2
1 4
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T
, C ase T em perature (°C )
C
V
= 15 V
G E
1 .0
1 .5
2 .0
2 .5
3 .0
3 .5
4 .0
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
T
, C ase Tem perature (°C )
C
V
= 15 V
80 µ s P U L S E W ID T H
G E
I
= 1 3A
I
= 6.5A
I
= 3.3 A
C
C
C
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - CPV362MU

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV362M4K IRF-CPV362M4K Datasheet
326Kb / 10P
   Short Circuit Rated UltraFast IGBT
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
   UltraFast IGBT IGBT SIP MODULE
More results

Similar Description - CPV362MU

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPU165MU IRF-CPU165MU Datasheet
441Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV363MU IRF-CPV363MU Datasheet
453Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
logo
International Rectifier
CPV363MF IRF-CPV363MF Datasheet
453Kb / 8P
   IGBT SIP MODULE Fast IGBT
logo
Vishay Siliconix
VS-CPV362M4UPBF VISHAY-VS-CPV362M4UPBF Datasheet
263Kb / 10P
   IGBT SIP Module(Fast IGBT)
Revision: 25-Oct-17
logo
International Rectifier
CPV362MF IRF-CPV362MF Datasheet
458Kb / 8P
   IGBT SIP MODULE Fast IGBT
logo
Vishay Siliconix
CPV362M4UPBF VISHAY-CPV362M4UPBF Datasheet
298Kb / 11P
   IGBT SIP Module (Fast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV364MF IRF-CPV364MF Datasheet
460Kb / 8P
   IGBT SIP MODULE Fast IGBT
CPU165MF IRF-CPU165MF Datasheet
498Kb / 8P
   IGBT SIP MODULE Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com