Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2019 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2019
Description  Self-Contained Audio Preamplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2019 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2019_15 Datasheet HTML 2Page - Analog Devices SSM2019_15 Datasheet HTML 3Page - Analog Devices SSM2019_15 Datasheet HTML 4Page - Analog Devices SSM2019_15 Datasheet HTML 5Page - Analog Devices SSM2019_15 Datasheet HTML 6Page - Analog Devices SSM2019_15 Datasheet HTML 7Page - Analog Devices SSM2019_15 Datasheet HTML 8Page - Analog Devices SSM2019_15 Datasheet HTML 9Page - Analog Devices SSM2019_15 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SSM2019
REV. A
–9–
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
SEATING
PLANE
0.015
(0.38)
MIN
0.210 (5.33)
MAX
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
8
1
4
5
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.100 (2.54)
BSC
0.400 (10.16)
0.365 (9.27)
0.355 (9.02)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
0.015 (0.38)
GAUGE
PLANE
0.005 (0.13)
MIN
Figure 6. 8-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-8)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
16
9
8
1
1.27 (0.0500)
BSC
Figure 7. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-16)
Dimensions shown in millimeters and (inches)


Similar Part No. - SSM2019_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2019BN AD-SSM2019BN Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRN AD-SSM2019BRN Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
More results

Similar Description - SSM2019_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019 AD-SSM2019 Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
   Thermoelectric Self-contained Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com