Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8106 Datasheet(PDF) 11 Page - NEC

Part # UPC8106
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8106 Datasheet(HTML) 11 Page - NEC

Back Button UPC8106 Datasheet HTML 7Page - NEC UPC8106 Datasheet HTML 8Page - NEC UPC8106 Datasheet HTML 9Page - NEC UPC8106 Datasheet HTML 10Page - NEC UPC8106 Datasheet HTML 11Page - NEC UPC8106 Datasheet HTML 12Page - NEC UPC8106 Datasheet HTML 13Page - NEC UPC8106 Datasheet HTML 14Page - NEC UPC8106 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet P12770EJ2V0DS00
11
µµµµPC8106TB, µµµµPC8109TB
APPLICATION CIRCUIT EXAMPLE (RF = 1.5 GHz, for the
µµµµPC8106TB and µµµµPC8109TB)
C1
100 pF
1
C2
100 pF
2
3
6 pF
C5
C6
10 000
pF
C4
C3
1 000 pF
150 nH
6
5
4
VCC
RFoutput
PS
IFinput
GND
LOinput
PLoin = –5 dBm
3.5 pF
RF = 1.5 GHz, matched
2.7 nH
VCC
*
Spectrum Analyzer
50
Signal Generator
50
Signal Generator
50
L1
L2
*
In case of unstable operation, please connect capacitor 100 pF between 4 pin and 5 pin and adjust the matching
circuit.
EXAMPLE OF APPLICATION CIRCUIT ASSEMBLED ON EVALUATION BOARD
IFIN
PC8106TB
LOIN
P/S
C6
C3
µ
C5
1 000 pF
6 pF
100 pF
C1
1
C4
10 000 pF
100 pF
C2
RF Connector
1 000 pF
0.5 pF
3 pF
RFOUT
150 nH
2.7 nH
L1
L2


Similar Part No. - UPC8106

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T NEC-UPC8106T Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T-E3 NEC-UPC8106T-E3 Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T-E3 NEC-UPC8106T-E3 Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106TB NEC-UPC8106TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
More results

Similar Description - UPC8106

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
CML Microcircuits
FX118 CMLMICRO-FX118 Datasheet
120Kb / 7P
   Duplex Frequency Inverter for Cordless Telephones
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com