Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP490 Datasheet(PDF) 8 Page - Analog Devices

Part # OP490
Description  Low Voltage, Micropower, Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP490_15 Datasheet HTML 4Page - Analog Devices OP490_15 Datasheet HTML 5Page - Analog Devices OP490_15 Datasheet HTML 6Page - Analog Devices OP490_15 Datasheet HTML 7Page - Analog Devices OP490_15 Datasheet HTML 8Page - Analog Devices OP490_15 Datasheet HTML 9Page - Analog Devices OP490_15 Datasheet HTML 10Page - Analog Devices OP490_15 Datasheet HTML 11Page - Analog Devices OP490_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP490
Rev. E | Page 8 of 16
1
10
100
0.1
0.1
1
10
100
1k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 16. Current Noise Density vs. Frequency
TIME (100µs/DIV)
VS = ±15V
TA = 25°C
AV = 1
RL = 10kΩ
CL = 500pF
Figure 17. Small Signal Transient Response
TIME (1ms/DIV)
VS = ±15V
TA = 25°C
AV = 1
RL = 10kΩ
CL = 500pF
Figure 18. Large Signal Transient Response


Similar Part No. - OP490_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP490E AD-OP490E Datasheet
1Mb / 16P
   Low Voltage Micropower Quad Operational Amplifier
REV. C
OP490EY AD-OP490EY Datasheet
1Mb / 16P
   Low Voltage Micropower Quad Operational Amplifier
REV. C
OP490F AD-OP490F Datasheet
1Mb / 16P
   Low Voltage Micropower Quad Operational Amplifier
REV. C
OP490FY AD-OP490FY Datasheet
1Mb / 16P
   Low Voltage Micropower Quad Operational Amplifier
REV. C
OP490G AD-OP490G Datasheet
1Mb / 16P
   Low Voltage Micropower Quad Operational Amplifier
REV. C
More results

Similar Description - OP490_15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
OP490 MAXWELL-OP490 Datasheet
249Kb / 9P
   Low Voltage Micropower Quad Operational Amplifier
logo
Analog Devices
OP490GPZ AD-OP490GPZ Datasheet
226Kb / 16P
   Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490 AD-OP490 Datasheet
1Mb / 16P
   Low Voltage Micropower Quad Operational Amplifier
REV. C
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420CY AD-OP420CY Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com