Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AVR550U Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. AVR550U
Description  AVR Series 120V 550VA 300W Ultra-Compact Line-Interactive UPS with USB port
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR550U Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AVR550U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
98% line mode efficiency rating uses less energy and BTU emissions
Built-in grounding lug
Hot swappable user battery replacement
Space saving, ultra-compact housing with support for wall-mount, desktop or floor placement
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
550
Output Watt Capacity (Watts)
300
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
120V (+8%, -21%)
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(8) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
5.5 min. (150w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
9 hours (10% to 90%)
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
2 / 4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn