Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AVR550U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. AVR550U
Description  AVR Series 120V 550VA 300W Ultra-Compact Line-Interactive UPS with USB port
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR550U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AVR550U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AVR Series 120V 550VA 300W Ultra-Compact
Line-Interactive UPS with USB port
MODEL NUMBER: AVR550U
Description
Tripp Lite's AVR550U Ultra-Compact Line Interactive UPS offers complete power protection for desktop PCs, network workstations and a wide variety of
professional and consumer electronic devices. Uninterruptible Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep
connected equipment running without interruption or data loss during power failures. Automatic Voltage Regulation / AVR power conditioning maintains
smooth, continuous operation of connected equipment during brownouts and overvoltages. Surge-only outlets offer convenient protection for printers and
other desktop accessories not requiring battery support. AC and dataline surge suppression prevents connected equipment damage. USB communications port
supports built-in power management and auto-shutdown features of Windows and Mac OS X or full featured monitoring and data-saving auto-shutdown
options using Tripp Lite's free PowerAlert monitoring software.
Features
AVR550U ultra-compact 120V line interactive UPS offers complete AC power protection from blackouts, brownouts and transient surges
550VA / 300 watt UPS output capacity
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts to prevent data loss and system downtime for
connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Automatic Voltage Regulation / AVR corrects extended brownouts and overvoltages from 83 to 147V, without using battery power
5.5 minutes runtime at 50% load (150 watts)
Up to 10 minutes runtime for an entry level PC with small monitor consuming 90 watts continuous
8 built-in NEMA 5-15R outlets, two with extra wide spacing to accommodate transformer plugs
4 UPS battery backup outlets, plus 4 additional surge-only outlets
Right angle NEMA 5-15P input connection with 6ft / 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets; Built-in data line surge suppression protects a single dialup or DSL line
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment, ideal for unattended kiosk applications
98% line mode efficiency rating uses less energy and BTU emissions
Highlights
550VA ultra-compact 120V line
interactive UPS
Corrects brownouts and
overvoltages from 83V to 147V
4 battery supported outlets, 4
surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 98% efficient
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
AVR550U UPS System
USB cable
Instruction manual
1 / 4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn