Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AVR550U Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part No. AVR550U
Description  AVR Series 120V 550VA 300W Ultra-Compact Line-Interactive UPS with USB port
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR550U Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  AVR550U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AC Mode BTU / Hr. (Full Load)
54
AC Mode Efficiency Rating (100%
Load)
98%
COMMUNICATIONS
Communications Interface
USB (HID enabled)
PowerAlert Software
Free download from www.tripplite.com
Communications Cable
USB interface cable included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
Yes
LINE / BATTERY TRANSFER
Transfer Time
4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
83
High Voltage Transfer to Battery
Power (Setpoint)
147
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (U.S. &
Canada)
3-year limited warranty
Product Warranty Period (Latin
America)
3-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
3-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$100,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn